Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9062 Datasheet (PDF) - Gennum Corporation

GS9062 Datasheet PDF - Gennum Corporation
Part # GS9062
Download  GS9062 Download
File Size   191.28 Kbytes
Page   9 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description HD-LINX II Voltage Controlled Oscillator

GS9062 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS9062 Datasheet PDF - Gennum Corporation

Part # GS9062
Download  GS9062 Click to download

File Size   191.28 Kbytes
Page   9 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description HD-LINX II Voltage Controlled Oscillator

GS9062 Datasheet (HTML) - Gennum Corporation


GS9062 Product details

Description

The GO1525 is a self contained, miniature Voltage Controlled Oscillator (VCO).It produces a clean 1.485GHz reference clock signal for the GS1560 and GS9060 deserializers, and for the GS1532 and GS9062 serializers. The control voltage range is from 1.0 volts to 1.5 volts and is derived from the on-chip PLLs. The GO1525 frequency can be pulled approximately 32MHz for every one volt of control.



Key Features

• generates 1.485GHz or 1.485/1.001GHz signal for HD-LINX™II ICs

• low current consumption

• 50Ω output impedance

• operates from a single 2.5V supply

• 8 pin tape on reel

• Pb-free and RoHS Compliant



Applications

• VCO for the GS1560, GS1559 and GS9060 Deserializers, and the GS1532, GS1531 and GS9062 Serializers




Similar Part No. - GS9062

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS9062 GENNUM-GS9062 Datasheet
764Kb / 46P
HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
GS9062-CF GENNUM-GS9062-CF Datasheet
790Kb / 46P
GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS9062-CF GENNUM-GS9062-CF Datasheet
764Kb / 46P
HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
GS9062-CFE3 GENNUM-GS9062-CFE3 Datasheet
790Kb / 46P
GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results


Similar Description - GS9062

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
GS1531 HD-LINX-TM II Multi-Rate Serializer
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1560A GENNUM-GS1560A Datasheet
1Mb / 80P
GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
HD-LINX II Dual-Rate Deserializer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
HD-LINX II Adaptive Cable Equalizer
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
HD-LINX II Multi-Rate SDI Automatic Reclocker
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
HD-LINX II Adaptive Cable Equalizer
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com