Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIDR5802EP Datasheet (PDF) - Vishay Siliconix

SIDR5802EP Datasheet PDF - Vishay Siliconix
Part # SIDR5802EP
Download  SIDR5802EP Download
File Size   178.81 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 80 V (D-S) 175 °C MOSFET

SIDR5802EP Datasheet (PDF)

Go To PDF Page Download Datasheet
SIDR5802EP Datasheet PDF - Vishay Siliconix

Part # SIDR5802EP
Download  SIDR5802EP Click to download

File Size   178.81 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 80 V (D-S) 175 °C MOSFET

SIDR5802EP Datasheet (HTML) - Vishay Siliconix


SIDR5802EP Product details

FEATURES
• TrenchFET® Gen V power MOSFET
• Very low RDS - Qg figure-of-merit (FOM)
• Tuned for the lowest RDS - Qoss FOM
• 100 % Rg and UIS tested
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912

APPLICATIONS
• Synchronous rectification
• Primary side switch
• DC/DC converters
• OR-ing and hot swap switch
• Power supplies
• Motor drive control
• Battery management




Similar Part No. - SIDR5802EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIDR500EP VISHAY-SIDR500EP Datasheet
170Kb / 7P
N-Channel 30 V (D-S) 175 °C MOSFET
06-Dec-2021
SIDR500EP-T1-RE3 VISHAY-SIDR500EP-T1-RE3 Datasheet
170Kb / 7P
N-Channel 30 V (D-S) 175 °C MOSFET
06-Dec-2021
SIDR5102EP VISHAY-SIDR5102EP Datasheet
181Kb / 7P
N-Channel 100 V (D-S) 175 °C MOSFET
17-Jan-2022
SIDR510EP VISHAY-SIDR510EP Datasheet
179Kb / 7P
N-Channel 100 V (D-S) 175 °C MOSFET
06-Dec-2021
SIDR510EP-T1-RE3 VISHAY-SIDR510EP-T1-RE3 Datasheet
179Kb / 7P
N-Channel 100 V (D-S) 175 °C MOSFET
06-Dec-2021
More results


Similar Description - SIDR5802EP

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SUD40N08-16 TFUNK-SUD40N08-16 Datasheet
72Kb / 5P
N-Channel 80-V (D-S) 175C MOSFET
logo
Vishay Siliconix
SQJA80EP VISHAY-SQJA80EP Datasheet
188Kb / 7P
Automotive N-Channel 80 V (D-S) 175 °C MOSFET
22-Sep-16
SQJA84EP VISHAY-SQJA84EP Datasheet
232Kb / 7P
Automotive N-Channel 80 V (D-S) 175 °C MOSFET
29-Aug-16
SQJA86EP VISHAY-SQJA86EP Datasheet
220Kb / 7P
Automotive N-Channel 80 V (D-S) 175 °C MOSFET
03-Oct-16
SQJA92EP VISHAY-SQJA92EP Datasheet
225Kb / 7P
Automotive N-Channel 80 V (D-S) 175 °C MOSFET
14-Nov-16
SQJA94EP VISHAY-SQJA94EP Datasheet
232Kb / 7P
Automotive N-Channel 80 V (D-S) 175 °C MOSFET
29-Aug-16
SUD40N08-16 VISHAY-SUD40N08-16_V01 Datasheet
71Kb / 5P
N-Channel 80-V (D-S) 175C MOSFET
23-Feb-04
SQSA82CENW VISHAY-SQSA82CENW_V01 Datasheet
189Kb / 6P
Automotive N-Channel 80 V (D-S) 175 °C MOSFET
22-Nov-2021
SQJQ186ER VISHAY-SQJQ186ER_V01 Datasheet
182Kb / 6P
Automotive N-Channel 80 V (D-S) 175 °C MOSFET
04-Apr-2022
SQJA84EP VISHAY-SQJA84EP_V02 Datasheet
293Kb / 10P
Automotive N-Channel 80 V (D-S) 175 °C MOSFET
14-Feb-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com