Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIDR610EP Datasheet (PDF) - Vishay Siliconix

SIDR610EP Datasheet PDF - Vishay Siliconix
Part # SIDR610EP
Download  SIDR610EP Download
File Size   184.1 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 200 V (D-S) 175 °C MOSFET

SIDR610EP Datasheet (PDF)

Go To PDF Page Download Datasheet
SIDR610EP Datasheet PDF - Vishay Siliconix

Part # SIDR610EP
Download  SIDR610EP Click to download

File Size   184.1 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 200 V (D-S) 175 °C MOSFET

SIDR610EP Datasheet (HTML) - Vishay Siliconix


SIDR610EP Product details

FEATURES
• TrenchFET® technology optimizes balance of
RDS(on), Qg, Qsw, and Qoss
• Tuned for the lowest RDS - Qoss FOM
• Top side cooling feature provides additional
venue for thermal transfer
• 100 % Rg and UIS tested
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Fixed telecom
• DC/DC converter
• Primary and secondary side switch
• Synchronous rectification
• Power supplies
• Class D amplifier




Similar Part No. - SIDR610EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIDR610DP VISHAY-SIDR610DP Datasheet
203Kb / 8P
N-Channel 200 V (D-S) MOSFET
21-Aug-17
SIDR610DP-T1-GE3 VISHAY-SIDR610DP-T1-GE3 Datasheet
203Kb / 8P
N-Channel 200 V (D-S) MOSFET
21-Aug-17
SIDR610DP-T1-GE3 VISHAY-SIDR610DP-T1-GE3 Datasheet
230Kb / 9P
N-Channel 200 V (D-S) MOSFET
21-Aug-17
SIDR610DP VISHAY-SIDR610DP_V01 Datasheet
230Kb / 9P
N-Channel 200 V (D-S) MOSFET
21-Aug-17
More results


Similar Description - SIDR610EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM27N20-78 VISHAY-SUM27N20-78 Datasheet
52Kb / 5P
N-Channel 200-V (D-S) 175C MOSFET
27-Jan-03
SUM65N20-30 VISHAY-SUM65N20-30_08 Datasheet
113Kb / 6P
N-Channel 200-V (D-S) 175 °C MOSFET
11-Feb-08
SUD19N20-90-T4-E3 VISHAY-SUD19N20-90-T4-E3 Datasheet
166Kb / 7P
N-Channel 200 V (D-S) 175 °C MOSFET
04-Oct-10
SUM33N20-60P VISHAY-SUM33N20-60P Datasheet
93Kb / 6P
N-Channel 200-V (D-S) 175 C MOSFET
30-Oct-06
SUM90220E VISHAY-SUM90220E Datasheet
166Kb / 7P
N-Channel 200 V (D-S) 175 °C MOSFET
14-Nov-16
SUM90330E VISHAY-SUM90330E_V01 Datasheet
191Kb / 8P
N-Channel 200 V (D-S) 175 °C MOSFET
06-Sep-17
SUP90220E VISHAY-SUP90220E_V01 Datasheet
163Kb / 8P
N-Channel 200 V (D-S) 175 °C MOSFET
14-Nov-16
logo
VBsemi Electronics Co.,...
VBM1201N VBSEMI-VBM1201N Datasheet
471Kb / 8P
N-Channel 200 V (D-S) 175 °C MOSFET
VBM1202N VBSEMI-VBM1202N Datasheet
416Kb / 8P
N-Channel 200 V (D-S) 175 °C MOSFET
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com