Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZD06V2 Datasheet (PDF) - Cystech Electonics Corp.

ZD06V2 Datasheet PDF - Cystech Electonics Corp.
Part # ZD06V2
Download  ZD06V2 Download
File Size   155.15 Kbytes
Page   4 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description 200mW SOD-323 Zener Voltage Regulators

ZD06V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZD06V2 Datasheet PDF - Cystech Electonics Corp.

Part # ZD06V2
Download  ZD06V2 Click to download

File Size   155.15 Kbytes
Page   4 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description 200mW SOD-323 Zener Voltage Regulators

ZD06V2 Datasheet (HTML) - Cystech Electonics Corp.


ZD06V2 Product details

Description

The ZD02V4S2 series zener diodes are packaged in a SOD-323 surface mount package that has a power dissipation of 200mW. They are designed to provide voltage regulation protection and are especially attractive in situations where space is at a premium. They are well suited for applications such as cellular phones, hand held portables, and high density PC boards.



Features

• Standard zener breakdown voltage range : 2.4V to 75V

• Steady state power rating of 200mW..

• Small body outline dimensions : 0.067 inches×0.049 inches (1.7mm×1.25mm)

• Low body height : 0.035 inches (0.9mm)

• Package weight : 4.507 mg/unit

• ESD rating of class 3 (>16kV) per human body model.




Similar Part No. - ZD06V2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZD068 ETC2-ZD068 Datasheet
1Mb / 5P
TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - ZD06V2

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5234AS2 CYSTEKEC-ZD5234AS2 Datasheet
404Kb / 6P
200mW SOD-323 Zener Voltage Regulators
ZD5228BS2 CYSTEKEC-ZD5228BS2 Datasheet
252Kb / 7P
200mW SOD-323 Zener Voltage Regulators
ZD5228AS2 CYSTEKEC-ZD5228AS2 Datasheet
404Kb / 6P
200mW SOD-323 Zener Voltage Regulators
ZD5227AS2 CYSTEKEC-ZD5227AS2 Datasheet
404Kb / 6P
200mW SOD-323 Zener Voltage Regulators
ZD5226BS2 CYSTEKEC-ZD5226BS2 Datasheet
252Kb / 7P
200mW SOD-323 Zener Voltage Regulators
ZD5225AS2 CYSTEKEC-ZD5225AS2 Datasheet
404Kb / 6P
200mW SOD-323 Zener Voltage Regulators
ZD5223BS2 CYSTEKEC-ZD5223BS2 Datasheet
252Kb / 7P
200mW SOD-323 Zener Voltage Regulators
ZD5223AS2 CYSTEKEC-ZD5223AS2 Datasheet
404Kb / 6P
200mW SOD-323 Zener Voltage Regulators
ZD5221BS2 CYSTEKEC-ZD5221BS2 Datasheet
252Kb / 7P
200mW SOD-323 Zener Voltage Regulators
ZD5221AS2 CYSTEKEC-ZD5221AS2 Datasheet
404Kb / 6P
200mW SOD-323 Zener Voltage Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com