Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIDR402EP Datasheet (PDF) - Vishay Siliconix

SIDR402EP Datasheet PDF - Vishay Siliconix
Part # SIDR402EP
Download  SIDR402EP Download
File Size   173.4 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 40 V (D-S) 175 °C MOSFET

SIDR402EP Datasheet (PDF)

Go To PDF Page Download Datasheet
SIDR402EP Datasheet PDF - Vishay Siliconix

Part # SIDR402EP
Download  SIDR402EP Click to download

File Size   173.4 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 40 V (D-S) 175 °C MOSFET

SIDR402EP Datasheet (HTML) - Vishay Siliconix


SIDR402EP Product details

FEATURES
• TrenchFET® Gen IV power MOSFET
• Very low RDS - Qg figure-of-merit (FOM)
• Tuned for the lowest RDS - Qoss FOM
• Top side cooling feature provides additional
venue for thermal transfer
• 100 % Rg and UIS tested
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Synchronous rectification
• OR-ing
• High power density DC/DC
• Motor drive control
• Battery management
• Load switch




Similar Part No. - SIDR402EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIDR402DP VISHAY-SIDR402DP Datasheet
204Kb / 8P
N-Channel 40 V (D-S) MOSFET
10-Jul-17
SIDR402DP VISHAY-SIDR402DP Datasheet
233Kb / 9P
N-Channel 40 V (D-S) MOSFET
10-Jul-17
SIDR402DP-T1-GE3 VISHAY-SIDR402DP-T1-GE3 Datasheet
204Kb / 8P
N-Channel 40 V (D-S) MOSFET
10-Jul-17
SIDR402DP-T1-GE3 VISHAY-SIDR402DP-T1-GE3 Datasheet
233Kb / 9P
N-Channel 40 V (D-S) MOSFET
10-Jul-17
SIDR402DP VISHAY-SIDR402DP_V01 Datasheet
233Kb / 9P
N-Channel 40 V (D-S) MOSFET
10-Jul-17
More results


Similar Description - SIDR402EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50N04-05L VISHAY-SUD50N04-05L Datasheet
72Kb / 4P
N-Channel 40-V (D-S), 175 C MOSFET
15-Mar-04
SUM110N04-05H VISHAY-SUM110N04-05H Datasheet
228Kb / 3P
N-Channel 40-V (D-S) 175°C MOSFET
01-May-06
SUD50N04-25P VISHAY-SUD50N04-25P Datasheet
237Kb / 3P
N-Channel 40-V (D-S) 175°C MOSFET
18-Dec-06
SUM110N04-05H VISHAY-SUM110N04-05H_08 Datasheet
112Kb / 6P
N-Channel 40-V (D-S) 175 °C MOSFET
11-Feb-08
SIJH440E VISHAY-SIJH440E Datasheet
199Kb / 7P
N-Channel 40 V (D-S) 175 °C MOSFET
17-Oct-16
SUD50N04-09H VISHAY-SUD50N04-09H Datasheet
80Kb / 6P
N-Channel 40-V (D-S), 175 °C MOSFET
06-Aug-07
SUM110N04-2M3L VISHAY-SUM110N04-2M3L Datasheet
121Kb / 6P
N-Channel 40-V (D-S) 175 °C MOSFET
11-Feb-08
logo
VBsemi Electronics Co.,...
VBL7401 VBSEMI-VBL7401 Datasheet
410Kb / 7P
N-Channel 40 V (D-S) 175 °C MOSFET
VBL7402 VBSEMI-VBL7402 Datasheet
459Kb / 8P
N-Channel 40 V (D-S) 175 °C MOSFET
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com