Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIDR608EP Datasheet (PDF) - Vishay Siliconix

SIDR608EP Datasheet PDF - Vishay Siliconix
Part # SIDR608EP
Download  SIDR608EP Download
File Size   180.15 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 45 V (D-S) 175 °C MOSFET

SIDR608EP Datasheet (PDF)

Go To PDF Page Download Datasheet
SIDR608EP Datasheet PDF - Vishay Siliconix

Part # SIDR608EP
Download  SIDR608EP Click to download

File Size   180.15 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 45 V (D-S) 175 °C MOSFET

SIDR608EP Datasheet (HTML) - Vishay Siliconix


SIDR608EP Product details

FEATURES
• TrenchFET® Gen IV power MOSFET
• 45 V Drain-source break-down voltage
• Tuned for low Qg and Qoss
• 100 % Rg and UIS tested
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Synchronous rectification
• High power density DC/DC
• Motor drive control




Similar Part No. - SIDR608EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIDR608DP VISHAY-SIDR608DP Datasheet
229Kb / 9P
N-Channel 45 V (D-S) MOSFET
29-Apr-2019
SIDR608DP-T1-RE3 VISHAY-SIDR608DP-T1-RE3 Datasheet
229Kb / 9P
N-Channel 45 V (D-S) MOSFET
29-Apr-2019
More results


Similar Description - SIDR608EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP75N05-07 VISHAY-SUP75N05-07 Datasheet
78Kb / 5P
N-Channel 55-V (D-S), 175C MOSFET
19-Apr-99
SUD50N03-10 VISHAY-SUD50N03-10 Datasheet
73Kb / 4P
N-Channel 30-V (D-S), 175C MOSFET
24-Feb-98
SUM85N15-19 VISHAY-SUM85N15-19 Datasheet
63Kb / 5P
N-Channel 150-V (D-S) 175C MOSFET
08-Dec-03
SUD50N04-25P VISHAY-SUD50N04-25P Datasheet
237Kb / 3P
N-Channel 40-V (D-S) 175°C MOSFET
18-Dec-06
SUM60N02-3M9P VISHAY-SUM60N02-3M9P Datasheet
117Kb / 6P
N-Channel 20-V (D-S) 175 °C MOSFET
04-Feb-08
SUM75N06-09L VISHAY-SUM75N06-09L_08 Datasheet
110Kb / 6P
N-Channel 60-V (D-S), 175 °C MOSFET
11-Feb-08
SUM110N06-3M4L VISHAY-SUM110N06-3M4L_08 Datasheet
118Kb / 6P
N-Channel 60-V (D-S) 175 °C MOSFET
11-Feb-08
SUP40N10-30 VISHAY-SUP40N10-30 Datasheet
98Kb / 6P
N-Channel 100-V (D-S) 175 °C MOSFET
06-Aug-07
logo
Vishay Telefunken
SUD40N08-16 TFUNK-SUD40N08-16 Datasheet
72Kb / 5P
N-Channel 80-V (D-S) 175C MOSFET
logo
Vishay Siliconix
SUD50N04-09H VISHAY-SUD50N04-09H Datasheet
80Kb / 6P
N-Channel 40-V (D-S), 175 °C MOSFET
06-Aug-07
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com