Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1019552 Datasheet (PDF) - PHOENIX CONTACT

1019552 Datasheet PDF - PHOENIX CONTACT
Part # 1019552
Download  1019552 Download
File Size   681.78 Kbytes
Page   27 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTVFIX 6/12X2,5-NS35A GN

1019552 Datasheet (PDF)

Go To PDF Page Download Datasheet
1019552 Datasheet PDF - PHOENIX CONTACT

Part # 1019552
Download  1019552 Click to download

File Size   681.78 Kbytes
Page   27 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTVFIX 6/12X2,5-NS35A GN

1019552 Datasheet (HTML) - PHOENIX CONTACT


1019552 Product details

Distribution block, nom. voltage: 690 V, nominal current: 24 A, connection method: Push-in connection, Load contact, Rated cross section: 2.5 mm2, cross section: 0.14 mm2 - 4 mm2, Line contact, Rated cross section: 6 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: NS 35/7,5, NS 35/15, color: green

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 1019552

ManufacturerPart #DatasheetDescription
logo
SICK AG
1019551 SICK-1019551 Datasheet
1Mb / 8P
CONTRAST SENSORS
logo
PHOENIX CONTACT
1019554 PHOENIX-1019554 Datasheet
682Kb / 27P
Distribution block - PTVFIX 6/12X2,5-NS35A BK
Jul 29, 2022
1019556 PHOENIX-1019556 Datasheet
682Kb / 27P
Distribution block - PTVFIX 6/18X2,5-NS35A GY
Jul 29, 2022
1019558 PHOENIX-1019558 Datasheet
685Kb / 27P
Distribution block - PTVFIX 6/18X2,5-NS35A BU
Jul 29, 2022
More results


Similar Description - 1019552

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1019534 PHOENIX-1019534 Datasheet
544Kb / 18P
Distribution block - PTVFIX 12X2,5-NS35A RD
Jul 29, 2022
1019535 PHOENIX-1019535 Datasheet
543Kb / 18P
Distribution block - PTVFIX 12X2,5-NS35A GN
Jul 29, 2022
1019545 PHOENIX-1019545 Datasheet
703Kb / 27P
Distribution block - PTVFIX 6/6X2,5-NS35A GN
Jul 29, 2022
1019547 PHOENIX-1019547 Datasheet
680Kb / 27P
Distribution block - PTVFIX 6/12X2,5-NS35A GY
Jul 29, 2022
1019548 PHOENIX-1019548 Datasheet
683Kb / 27P
Distribution block - PTVFIX 6/12X2,5-NS35A BU
Jul 29, 2022
1019549 PHOENIX-1019549 Datasheet
683Kb / 27P
Distribution block - PTVFIX 6/12X2,5-NS35A RD
Jul 29, 2022
1019554 PHOENIX-1019554 Datasheet
682Kb / 27P
Distribution block - PTVFIX 6/12X2,5-NS35A BK
Jul 29, 2022
1019561 PHOENIX-1019561 Datasheet
683Kb / 27P
Distribution block - PTVFIX 6/18X2,5-NS35A GN
Jul 29, 2022
1019611 PHOENIX-1019611 Datasheet
472Kb / 19P
Distribution block - PTVFIX 6/12X2,5 GN
Jul 29, 2022
1186880 PHOENIX-1186880 Datasheet
369Kb / 14P
Distribution block - PTVFIX 6/12X2,5-G GN
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com