Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBU102 Datasheet (PDF) - Total Power International

MBU102 Datasheet PDF - Total Power International
Part # MBU102
Download  MBU102 Download
File Size   138.22 Kbytes
Page   4 Pages
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International
Description MBU100 SERIES 1WATT ULTRA MINIATURE HIGH SIP DC/DC CONVERTERS

MBU102 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBU102 Datasheet PDF - Total Power International

Part # MBU102
Download  MBU102 Click to download

File Size   138.22 Kbytes
Page   4 Pages
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International
Description MBU100 SERIES 1WATT ULTRA MINIATURE HIGH SIP DC/DC CONVERTERS

MBU102 Datasheet (HTML) - Total Power International


MBU102 Product details

PRODUCT OVERVIEW
The MBU100 series is a range of 1W DC/DC converters in a miniature SIP Package featuring I/O-isolation of 1000VDC.
A high efficiency allows an operating temperature range of –40°C to +85°C.
These converters offer an economical solution for many space critical applications where a voltage has to be isolated i.e for noise reduction, ground loop elimination, digital interfaces or for board level power distribution.

FEATURES
► Miniature SIP-Package with Industry Standard Pinout
► Package Dimension:
    11.5 x 10.2 x *6.1 mm (0.45”x 0.40”x 0.24”) 3.3V,5V&12V Models
    11.5 x 10.2 x *7.1 mm (0.45”x 0.40”x 0.28”) 24V Models
► Single and Dual Output Models
► I/O-Isolation 1000 VDC
► Operating Temp. Range -40°C to +85°C
► 3 Years Product Warranty




Similar Part No. - MBU102

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MBU102 MINMAX-MBU102 Datasheet
227Kb / 6P
1W, Ultra Miniature SIP, Single Output DC/DC Converter
MBU102 MINMAX-MBU102 Datasheet
516Kb / 4P
DC/DC CONVERTER 1W Miniature SIP-Package with Industry Standard Pinout
MBU102 MINMAX-MBU102 Datasheet
436Kb / 4P
DC/DC CONVERTER 1W, SIP-Package
logo
Total Power Internation...
MBU102 TOTAL-POWER-MBU102 Datasheet
479Kb / 4P
Miniature SIP-Package with Industry Standard Pinout
More results


Similar Description - MBU102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM0100 ETC1-UM0100 Datasheet
96Kb / 2P
1Watt DC-DC Converters
D221I ETC1-D221I Datasheet
97Kb / 2P
High Isolation Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D100VHI MPD-D100VHI Datasheet
193Kb / 2P
Miniature, 1W SIP Ultra-High Isolation DC/DC Converters
D200I MPD-D200I Datasheet
197Kb / 2P
High Isolation Miniature, 2W SIP DC/DC Converters
E100E MPD-E100E Datasheet
230Kb / 2P
Low Cost, 1W Ultra-Miniature SIP DC/DC Converters
E200E MPD-E200E Datasheet
201Kb / 2P
Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
E200I MPD-E200I Datasheet
171Kb / 2P
High Isolation, 2W Ultra-Miniature, SIP DC/DC Converters
logo
Intronics Power, Inc.
B100 INTRONICS-B100 Datasheet
189Kb / 2P
1WATT DC-DC CONVERTERS
logo
MicroPower Direct, LLC
E100EI MPD-E100EI Datasheet
266Kb / 2P
1W, High Isolation Ultra-Miniature SIP DC/DC Converters
ME200SE MPD-ME200SE Datasheet
429Kb / 2P
Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com