Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI7448DP Datasheet (PDF) - Vishay Siliconix

SI7448DP Datasheet PDF - Vishay Siliconix
Part # SI7448DP
Download  SI7448DP Download
File Size   216.05 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 20 V (D-S) Fast Switching MOSFET

SI7448DP Datasheet (PDF)

Go To PDF Page Download Datasheet
SI7448DP Datasheet PDF - Vishay Siliconix

Part # SI7448DP
Download  SI7448DP Click to download

File Size   216.05 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 20 V (D-S) Fast Switching MOSFET

SI7448DP Datasheet (HTML) - Vishay Siliconix


SI7448DP Product details

FEATURES
• TrenchFET® power MOSFET
• New low thermal resistance PowerPAK®
package with low 1.07 mm profile
• 100 % Rg tested
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912

APPLICATIONS
• Synchronous rectifier low output voltage
• Portable computer battery selection or protection




Similar Part No. - SI7448DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7448DP VISHAY-SI7448DP Datasheet
42Kb / 4P
N-Channel 20-V (D-S) Fast Switching MOSFET
18-Aug-03
SI7448DP-T1 VISHAY-SI7448DP-T1 Datasheet
42Kb / 4P
N-Channel 20-V (D-S) Fast Switching MOSFET
18-Aug-03
More results


Similar Description - SI7448DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7448DP VISHAY-SI7448DP Datasheet
42Kb / 4P
N-Channel 20-V (D-S) Fast Switching MOSFET
18-Aug-03
SI7458DP VISHAY-SI7458DP Datasheet
51Kb / 4P
N-Channel 20-V (D-S) Fast Switching MOSFET
04-Mar-02
SI7108DN VISHAY-SI7108DN Datasheet
107Kb / 6P
N-Channel 20-V (D-S) Fast Switching MOSFET
01-Aug-05
SI7106DN VISHAY-SI7106DN Datasheet
82Kb / 6P
N-Channel 20-V (D-S) Fast Switching MOSFET
30-Jun-08
SI7108DN-T1-E3 VISHAY-SI7108DN-T1-E3 Datasheet
536Kb / 12P
N-Channel 20-V (D-S) Fast Switching MOSFET
17-Mar-08
SI7110DN VISHAY-SI7110DN Datasheet
534Kb / 12P
N-Channel 20-V (D-S) Fast Switching MOSFET
17-Mar-08
SI7108DN VISHAY-SI7108DN_V01 Datasheet
531Kb / 12P
N-Channel 20-V (D-S) Fast Switching MOSFET
17-Mar-08
SI7110DN VISHAY-SI7110DN_V01 Datasheet
533Kb / 12P
N-Channel 20-V (D-S) Fast Switching MOSFET
17-Mar-08
SISH106DN VISHAY-SISH106DN Datasheet
189Kb / 8P
N-Channel 20 V (D-S) Fast Switching MOSFET
09-Jul-2018
SI7106DN VISHAY-SI7106DN_V01 Datasheet
82Kb / 6P
N-Channel 20-V (D-S) Fast Switching MOSFET
30-Jun-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com