Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF2DLX0 Datasheet (PDF) - NXP Semiconductors

MF2DLX0 Datasheet PDF - NXP Semiconductors
Part # MF2DLX0
Download  MF2DLX0 Download
File Size   1254.6 Kbytes
Page   132 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MIFARE DESFire Light contactless application IC

MF2DLX0 Datasheet (PDF)

Go To PDF Page Download Datasheet
MF2DLX0 Datasheet PDF - NXP Semiconductors

Part # MF2DLX0
Download  MF2DLX0 Click to download

File Size   1254.6 Kbytes
Page   132 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MIFARE DESFire Light contactless application IC

MF2DLX0 Datasheet (HTML) - NXP Semiconductors


MF2DLX0 Product details

General description
MIFARE DESFire Light (MF2DL(H)x0) is a versatile contactless smart card platform
serving the requirements of applications managed by one single entity. Offering a
powerful mix between performance, security, privacy and flexibility. It addresses the
needs of limited use and simple extended use applications. Based on these parameters
MIFARE DESFire Light is a trusted platform targeting the secure authentication of people
with an intuitive convenient user experience.
MIFARE DESFire Light is fully compliant with the contactless proximity smart card
protocol according to ISO/IEC 14443-4 and ISO/IEC 7816-4 communication frames
making it compatible with the majority of existing contactless infrastructure devices and
with NFC devices, such as NFC enabled mobile handsets. Its contactless performance
supports superior user convenience and reading distances up to 10 cm.
MIFARE DESFire Light has a file-based memory structure compliant to ISO/IEC 7816-4
with a fixed, pre-defined configuration of six individual files (EF). The pre-defined
configuration enables various use cases and allows the management of data according
to best practice. Organized in one single directory (DF) and configurable access rights
per file it enables different use cases of one issuing instance. MIFARE DESFire Light
offers three individual standard data files with totally 544 bytes of memory for storage of
application-specific data. The value file with a stored signed integer value and an upper
and lower limit enables fast, flexible and secure implementation of monetary transactions,
e.g. for micropayment applications. The cyclic record file with 4 entries of 16 bytes each
enables an on-card logging of transactions.
As a contactless platform, MIFARE DESFire Light includes a powerful transaction
management. This transaction management ensures data and transaction consistency
supporting applications with the avoidance of disrupted or incomplete transactions. The
optional Transaction Message Authentication (TMAC) further enables operators of, e.g.,
payment applications with a cryptographic checksum over the complete transaction
enabling the verification of a transaction by a clearing entity.
MIFARE DESFire Light offers AES-based security features for authentication and data
transfer over the contactless interface. The required level of security is defined by the
needs of the application and can be done on a file basis. With 5 customer defined keys,
MIFARE DESFire Light supports a key management addressing the organizational and
security needs of the issuing entity.
Beside the standard AES implementation, MIFARE DESFire Light offers an alternative
AES-based protocol for authentication and secure messaging using a Leakage Resilient
Primitive, LRP. The LRP works as a wrapper around the AES cryptography and
enhances side-channel and fault resistance.
MIFARE DESFire Light contains features like the fully encrypted communication mode
enabling contactless applications to address privacy sensitive applications. With its
optional support of Random ID, it enables compliance with latest user data protection
regulations.
Users of MIFARE DESFire Light can change the application identifier (AID) and the file
identifiers (FID) according to their needs enabling compatibility with existing data models.
This further enables users to complement their use cases with an NFC forum-compliant
Type 4 Tag in order to enable additional, end-user centric services, such as business
card sharing or pairing with a network.
MIFARE DESFire Light is compatible with MIFARE DESFire EV2, a secure multiapplication
platform. Through this compatibility single application running on
MIFARE DESFire Light can become part of a multi-application solution, combining
applications from different entities, with minimal system impact.
MIFARE DESFire Light is designed to support standards Class 1 smart cards antenna
designs with a 17 pF input capacitance as well as smaller form factors, i.e. key fobs,
wristbands, by providing 50 pF input capacitance delivery forms. This ensures high user
convenience throughout different form factors.

Features and benefits
2.1 RF Interface & Communication Protocol
• Contactless interface compliant to ISO/IEC 14443A-2/ -3/ -4, see [1] , [2], [3]
• Support of ISO/IEC 7816-4 communication frames for highest interoperability with
mobile and wearables
• Low power consumption (Hmin) enabling operating distances of up to 10 cm
• Support of fast data rates: 106 kbit/s, 212 kbit/s, 424 kbit/s, and 848 kbit/s
• Support of double size (7-byte) Unique Identifiers (UID) and optionally Random ID
(RID) according to ISO 14443-3 [2]
• Configurable communication frame size to support up to 128 bytes
• Fast start-up time for reliable and robust detection of MIFARE DESFire Light in legacy
terminals
• Support of ISO 7816-4 wrapped commands compliant to a subset of MIFARE DESFire
EV2 commands
2.2 Memory Organization
• 640 bytes user memory, equivalent to available user memory on legacy MIFARE
Classic 1 kB product
• Data retention of 10 years and write endurance of minimum 200.000 cycles
• File system compliant to ISO/IEC 7816-4 with one predefined Directory File (DF) and a
set of Elementary Files (EF)
– Three standard data files, one with 32 bytes and two with 256 bytes
– One cyclic record file of 4 records of each 16-byte record size
– One value file for value operations including upper and lower limits
– Optional Transaction Message Authentication Code (TMAC) file for transaction
protection
• File system compliant with MIFARE DESFire EV2 file system
• User configurable file naming enabling compatibility to legacy systems and NFC Type 4
Tag compliant configurations
2.3 Security and Privacy
• Common Criteria certification: EAL4 for both Hardware and Software
• Secure messaging compliant to standard AES according to NIST Special Publication
800-38A and 800-38B [5] [6]
– Optional enhanced side channel attack protection using LRP wrapped AES operation
according to [10]
– Secure messaging compatible with a subset of MIFARE DESFire EV2 secure
messaging
• Five customer defined AES 128-bit keys including key versions
• Optional Random ID for enhanced privacy
• Individual AES 128-bit TMAC key for enhanced transaction protection
• Transaction counter limit to limit the number of transactions with the application
• 3-pass mutual authentication
• Flexible access control configurable per file (EF)
– Individual key configuration for Read (R) / Write (W) / ReadWrite (RW) / Configuration
• Configurable secure messaging communication mode
– Plain communication
– CMAC protected for message integrity protection
– Full Enciphered plus CMAC for full encryption of complete data transferred through
contactless interface
• ECC-based NXP originality signature
• AES-based originality keys leveraging the LRP wrapped AES authentication
2.4 Specific Features
• Transaction-oriented automatic anti-tearing mechanism
• Configurable ATS information for card personalization
• Functional compatibility with MIFARE DESFire EV2 for easy integration of applications
designed on MF2DL(H)x0 into flexible multi-application solutions
• High input capacitance (50 pF) for small form factor design available

Applications
MIFARE DESFire Light can be used in various contactless applications, some target
applications are mentioned below.
• Access management
• Event ticketing
• Transport ticketing
• Account based services
• Electronic voucher
• Gaming
• Loyalty cards




Similar Part No. - MF2DLX0

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
MF2 MERCURY-MF2 Datasheet
102Kb / 1P
Surface Mount Crystals
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
Precision / Metal Film Resistors
MF2000 RIEDON-MF2000 Datasheet
172Kb / 1P
Precision / Metal Film Resistors
MF2000 RIEDON-MF2000_13 Datasheet
172Kb / 1P
Precision / Metal Film Resistors
logo
List of Unclassifed Man...
MF20080V1-1000U-A99 ETC-MF20080V1-1000U-A99 Datasheet
8Mb / 89P
DC Brushless Fan & Blower
More results


Similar Description - MF2DLX0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF3ICD21 PHILIPS-MF3ICD21 Datasheet
74Kb / 15P
MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF3ICD21 NXP-MF3ICD21 Datasheet
82Kb / 15P
MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF0ULX1 NXP-MF0ULX1 Datasheet
1Mb / 50P
MIFARE Ultralight EV1 - contactless ticket IC
Rev. 3.0-19 February 2013
MF1SEP10X1 NXP-MF1SEP10X1 Datasheet
160Kb / 17P
MIFARE PLUS SE - Secure contactless smart card IC for seamless migration
Rev.3.1-16 March2017
MF3DX2 NXP-MF3DX2 Datasheet
317Kb / 27P
MIFARE DESFire EV2 contactless multi-application IC
Rev.3.2-12 June2019
MF3DX3 NXP-MF3DX3 Datasheet
409Kb / 28P
MIFARE DESFire EV3 contactless multi-application IC
Rev.3.0-15 May2020
MF3ICDQ1 NXP-MF3ICDQ1 Datasheet
112Kb / 18P
MIFARE DESFire EV1 256B contactless smartcard IC
Rev.3.0-5 November2015
MF3ICDX21 NXP-MF3ICDX21 Datasheet
117Kb / 18P
MIFARE DESFire EV1 contactless multi-application IC
Rev.3.2-9 December2015
MF0AES20 NXP-MF0AES20 Datasheet
680Kb / 73P
MIFARE Ultralight AES contactless limited-use IC
Rev. 3.1-29 April 2022
MF0AES20 NXP-MF0AES20_V01 Datasheet
653Kb / 72P
MIFARE Ultralight AES contactless limited-use IC
Rev. 3.2 - 28 March 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com