Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2002189200 Datasheet (PDF) - Molex Electronics Ltd.

2002189200 Datasheet PDF - Molex Electronics Ltd.
Part # 2002189200
Download  2002189200 Download
File Size   1075.19 Kbytes
Page   7 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for Mini-Lock Crimp Terminals

2002189200 Datasheet (PDF)

Go To PDF Page Download Datasheet
2002189200 Datasheet PDF - Molex Electronics Ltd.

Part # 2002189200
Download  2002189200 Click to download

File Size   1075.19 Kbytes
Page   7 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for Mini-Lock Crimp Terminals

2002189200 Datasheet (HTML) - Molex Electronics Ltd.


2002189200 Product details

FEATURES
A full cycle ratcheting hand tool ensures complete crimps
Ergonomic soft grip handles for comfortable crimping
A precision user-friendly terminal locator with wire stop holds terminals in the proper crimping
position
Dies and locator from this tool can be used in the Battery Powered Tool Order No. 63816-0270
(110 V) or 63816-0280 (220 V) with the use of the 63816-0800 Crimp Head
Many different tool kits can be used with a single Battery Powered Crimp Tool
This tool is IPC/WHMA A-620 Class 2 compliant (see Scope table)
This tool is RoHS compliant; however, RoHS compliance is not required




Similar Part No. - 2002189200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2002189200 MOLEX-2002189200 Datasheet
70Kb / 3P
Hand Crimp Tool for Mini- Lock Crimp Terminals, 26-24 AWG
Jun 18, 2025
2002189200 MOLEX-2002189200_V01 Datasheet
70Kb / 3P
Hand Crimp Tool for Mini- Lock Crimp Terminals, 26-24 AWG
Jun 18, 2025
More results


Similar Description - 2002189200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63811-5300 MOLEX11-63811-5300 Datasheet
42Kb / 1P
Hand Crimp Tool for Crimp Terminals
63819-0100 MOLEX11-63819-0100 Datasheet
45Kb / 1P
Hand Crimp Tool for Crimp Terminals
63823-3300 MOLEX11-63823-3300 Datasheet
32Kb / 1P
Hand Crimp Tool for Crimp Terminals
200218-9200 MOLEX-200218-9200 Datasheet
1Mb / 7P
Hand Crimp Tool for Mini-Lock Crimp Terminals
11-25-19
ATS-638118100 MOLEX-ATS-638118100 Datasheet
466Kb / 7P
Hand Crimp Tool for 2.50mm (.098") Pitch Mini-Lock??Crimp Terminals
06-26-07
0638253100 MOLEX-0638253100 Datasheet
33Kb / 1P
Hand Crimp Tool for Crimp Terminals
11/02/2021
ATS-6382369HM MOLEX-ATS-6382369HM Datasheet
412Kb / 7P
Hand Crimp Tool for Mini KK Crimp Terminals
08-10-17
63811-5000 MOLEX-63811-5000 Datasheet
289Kb / 8P
Hand Crimp Tool for Mini-Fit??Crimp Terminals
03-27-08
200218-4900 MOLEX-200218-4900 Datasheet
1Mb / 7P
Hand Crimp Tool For Mini-Lock Female Crimp Terminals
01-06-21
200218-4900 MOLEX2-200218-4900 Datasheet
1Mb / 7P
Hand Crimp Tool For Mini-Lock Female Crimp Terminals
01-06-21
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com