Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

05ACJ-R05-JW-E22 Datasheet (PDF) - C&K Components

05ACJ-R05-JW-E22 Datasheet PDF - C&K Components
Part # 05ACJ-R05-JW-E22
Download  05ACJ-R05-JW-E22 Download
File Size   499.95 Kbytes
Page   5 Pages
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components
Description Mini Size Sealed Snap-acting Switches

05ACJ-R05-JW-E22 Datasheet (PDF)

Go To PDF Page Download Datasheet
05ACJ-R05-JW-E22 Datasheet PDF - C&K Components

Part # 05ACJ-R05-JW-E22
Download  05ACJ-R05-JW-E22 Click to download

File Size   499.95 Kbytes
Page   5 Pages
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components
Description Mini Size Sealed Snap-acting Switches

05ACJ-R05-JW-E22 Datasheet (HTML) - C&K Components


05ACJ-R05-JW-E22 Product details

Features/Benefits
• IP67 rating / Dust tight protection
• From 0.1A to 5A max. (ultra-low current available)
• Excellent sealed solution for modules mechanisms in Automotive and Medical applications
• UL / ENEC

Typical Applications
• Automotive: door latch, seat position detection, EV charging
• Handheld devices
(medical)
• Industrial equipment
• Consumer electronics




Similar Part No. - 05ACJ-R05-JW-E22

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
05A-MB1F-MBF YFWDIODE-05A-MB1F-MBF Datasheet
476Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
05A-MB1S-MBS YFWDIODE-05A-MB1S-MBS Datasheet
481Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Rectron Semiconductor
05A1 RECTRON-05A1 Datasheet
55Kb / 2P
SURFACE MOUNT SILICON RECTIFIER
05A1L RECTRON-05A1L Datasheet
318Kb / 4P
SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere
05A2 RECTRON-05A2 Datasheet
55Kb / 2P
SURFACE MOUNT SILICON RECTIFIER
More results


Similar Description - 05ACJ-R05-JW-E22

ManufacturerPart #DatasheetDescription
logo
C&K Components
ZMW CK-COMPONENTS-ZMW Datasheet
480Kb / 4P
Mini Size Snap-acting Switches
2020
ZMSM CK-COMPONENTS-ZMSM_V01 Datasheet
515Kb / 4P
Mini Size Snap-acting Switches
2021
ZMS CK-COMPONENTS-ZMS_V01 Datasheet
292Kb / 4P
Mini Size Snap-acting Switches
2021
ZM CK-COMPONENTS-ZM_V01 Datasheet
337Kb / 3P
Mini Size Snap-acting Switches
2021
ZMV CK-COMPONENTS-ZMV Datasheet
1Mb / 6P
Mini Size Snap-acting Switches
2021
MDSSNAP CK-COMPONENTS-MDSSNAP Datasheet
907Kb / 7P
Mini Size Snap-acting Switches
27 Sep 19
MM CK-COMPONENTS-MM Datasheet
527Kb / 3P
Mini Size Precision Snap-acting Switches
24 Mar 21
LCS CK-COMPONENTS-LCS_V01 Datasheet
538Kb / 4P
Small Size Sealed Snap-acting Switches
31 May 21
MDS CK-COMPONENTS-MDS_V02 Datasheet
913Kb / 7P
Mini Size Snap-acting Switches
27 Sep 19
ZMA CK-COMPONENTS-ZMA_V02 Datasheet
442Kb / 4P
Mini Size Snap-acting Switches
31 May 21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com