Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR01 Datasheet (PDF) - Vishay Siliconix

PR01 Datasheet PDF - Vishay Siliconix
Part # PR01
Download  PR01 Download
File Size   220.49 Kbytes
Page   20 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Film Leaded Resistors

PR01 Datasheet (PDF)

Go To PDF Page Download Datasheet
PR01 Datasheet PDF - Vishay Siliconix

Part # PR01
Download  PR01 Click to download

File Size   220.49 Kbytes
Page   20 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Film Leaded Resistors

PR01 Datasheet (HTML) - Vishay Siliconix


PR01 Product details

FEATURES
• High power in small packages (1 W / 0207 size
to 3 W / 0617 size)
• Defined fusing characteristics
• Technology: metal film
• Meets active and passive flammability
requirements as defined in IEC 60115-1
• AEC-Q200 qualified (PR01 and PR02)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• All general purpose power applications
• Automotive electronics
• Lighting ballast




Similar Part No. - PR01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PR01 VISHAY-PR01 Datasheet
141Kb / 14P
Power Metal Film Resistors
24-Feb-04
logo
List of Unclassifed Man...
PR01 ETC2-PR01 Datasheet
806Kb / 13P
POWER RESISTOR
logo
Vishay Siliconix
PR01 VISHAY-PR01 Datasheet
208Kb / 20P
Power Metal Film Leaded Resistors
10-Sep-15
PR01 VISHAY-PR01 Datasheet
219Kb / 20P
Power Metal Film Leaded Resistors
01-Mar-16
PR01 VISHAY-PR01 Datasheet
219Kb / 20P
Power Metal Film Leaded Resistors
07-Nov-17
More results


Similar Description - PR01

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LF14CTTA1000D KOA-LF14CTTA1000D Datasheet
234Kb / 2P
radial metal film leaded resistors
logo
Vishay Siliconix
PR01000104708JR500 VISHAY-PR01000104708JR500 Datasheet
221Kb / 16P
Power Metal Film Leaded Resistors
14-Oct-09
PR02000203000JR500 VISHAY-PR02000203000JR500 Datasheet
221Kb / 16P
Power Metal Film Leaded Resistors
14-Oct-09
28729 VISHAY-28729 Datasheet
221Kb / 16P
Power Metal Film Leaded Resistors
14-Oct-09
PR02000201008JA100 VISHAY-PR02000201008JA100 Datasheet
209Kb / 16P
Power Metal Film Leaded Resistors
24-Jun-13
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
Standard Metal Film Leaded Resistors
06-Aug-10
logo
List of Unclassifed Man...
MFR0318 ETC-MFR0318 Datasheet
1Mb / 2P
PRECISION METAL FILM LEADED RESISTORS
logo
Vishay Siliconix
PR01 VISHAY-PR01_15 Datasheet
193Kb / 20P
Power Metal Film Leaded Resistors
10-Sep-15
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
Standard Metal Film Leaded Resistors
28-Oct-15
MBASMA0204 VISHAY-MBASMA0204 Datasheet
184Kb / 15P
Professional Metal Film Leaded Resistors
11-Jul-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com