Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPSA800-D-R240GB Datasheet (PDF) - Vishay Siliconix

LPSA800-D-R240GB Datasheet PDF - Vishay Siliconix
Part # LPSA800-D-R240GB
Download  LPSA800-D-R240GB Download
File Size   113.78 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Resistor for Mounting Onto a Heatsink Thick Film Technology

LPSA800-D-R240GB Datasheet (PDF)

Go To PDF Page Download Datasheet
LPSA800-D-R240GB Datasheet PDF - Vishay Siliconix

Part # LPSA800-D-R240GB
Download  LPSA800-D-R240GB Click to download

File Size   113.78 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Resistor for Mounting Onto a Heatsink Thick Film Technology

LPSA800-D-R240GB Datasheet (HTML) - Vishay Siliconix


LPSA800-D-R240GB Product details

FEATURES
• AEC-Q200 qualified
• Compliant with requirement #26 of
NF-EN45545-2
• High power 800 W at 85 °C bottom case temperature
• Wide resistance range: 0.3 Ω to 900 kΩ
E24 series
• Non inductive
• Easy mounting
• Low thermal radiation of the case
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - LPSA800-D-R240GB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPSA800 VISHAY-LPSA800 Datasheet
118Kb / 6P
Power Resistor for Mounting Onto a Heatsink
21-Nov-2019
More results


Similar Description - LPSA800-D-R240GB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPS300 VISHAY-LPS300 Datasheet
328Kb / 4P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
09-Jun-10
LPS600 VISHAY-LPS600 Datasheet
146Kb / 4P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
27-Oct-10
LCH100 VISHAY-LCH100 Datasheet
136Kb / 6P
Power Resistor, for Mounting onto a Heatsink Thick Film Technology
05-Aug-13
LPS300 VISHAY-LPS300_15 Datasheet
126Kb / 5P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
24-Oct-13
LPS600 VISHAY-LPS600_15 Datasheet
128Kb / 5P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
24-Oct-13
LPS1100 VISHAY-LPS1100_15 Datasheet
100Kb / 5P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
24-Oct-13
RPS250 VISHAY-RPS250_15 Datasheet
93Kb / 4P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
12-Dec-14
RPS500 VISHAY-RPS500_15 Datasheet
91Kb / 5P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
12-Dec-14
LPS-1100 VISHAY-LPS-1100 Datasheet
111Kb / 5P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
24-Oct-13
RCH VISHAY-RCH Datasheet
125Kb / 6P
Power Resistor, for Mounting onto a Heatsink Thick Film Technology
06-Jul-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com