Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNPVE3 Datasheet (PDF) - Vishay Siliconix

TNPVE3 Datasheet PDF - Vishay Siliconix
Part # TNPVE3
Download  TNPVE3 Download
File Size   141.62 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Voltage Thin Film Flat Chip Resistors

TNPVE3 Datasheet (PDF)

Go To PDF Page Download Datasheet
TNPVE3 Datasheet PDF - Vishay Siliconix

Part # TNPVE3
Download  TNPVE3 Click to download

File Size   141.62 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Voltage Thin Film Flat Chip Resistors

TNPVE3 Datasheet (HTML) - Vishay Siliconix


TNPVE3 Product details

FEATURES
• High operating voltage Umax. up to 1000 V
• Low voltage coefficient < 1 ppm/V
• Excellent overall stability at different
environmental conditions ≤ 0.05 %
(1000 h rated power at 70 °C)
• Superior moisture resistivity (85 °C; 85 % RH)
• AEC-Q200 qualified
• Sulfur resistance verified according to ASTM B 809
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Industrial and automotive inverters
• Battery management system
• Test and measuring equipment




Similar Part No. - TNPVE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPVE3 VISHAY-TNPVE3 Datasheet
112Kb / 9P
High Voltage Thin Film Flat Chip Resistors
24-Apr-15
More results


Similar Description - TNPVE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW06035K36BEEA VISHAY-TNPW06035K36BEEA Datasheet
133Kb / 10P
High Stability Thin Film Flat Chip Resistors
27-Jun-12
TNPW120654K9BEEA VISHAY-TNPW120654K9BEEA Datasheet
133Kb / 10P
High Stability Thin Film Flat Chip Resistors
27-Jun-12
TNPW0805150KBEEA VISHAY-TNPW0805150KBEEA Datasheet
133Kb / 10P
High Stability Thin Film Flat Chip Resistors
27-Jun-12
TNPW_E3 VISHAY-TNPW_E3 Datasheet
133Kb / 10P
High Stability Thin Film Flat Chip Resistors
27-Jun-12
TNPW06039K09BEEA VISHAY-TNPW06039K09BEEA Datasheet
133Kb / 10P
High Stability Thin Film Flat Chip Resistors
27-Jun-12
TNPVE3 VISHAY-TNPVE3 Datasheet
112Kb / 9P
High Voltage Thin Film Flat Chip Resistors
24-Apr-15
TNPWE3 VISHAY-TNPWE3 Datasheet
143Kb / 11P
High Stability Thin Film Flat Chip Resistors
27-Feb-15
TNPW-E3 VISHAY-TNPW-E3 Datasheet
182Kb / 13P
High Stability Thin Film Flat Chip Resistors
12-May-16
TNPWE3 VISHAY-TNPWE3_V01 Datasheet
186Kb / 13P
High Stability Thin Film Flat Chip Resistors
21-Feb-2020
TNPW VISHAY-TNPW_V01 Datasheet
313Kb / 14P
High Stability Thin Film Flat Chip Resistors
23-Sep-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com