Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSL3637 Datasheet (PDF) - Vishay Siliconix

WSL3637 Datasheet PDF - Vishay Siliconix
Part # WSL3637
Download  WSL3637 Download
File Size   127.2 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface-Mount, 4-Terminal

WSL3637 Datasheet (PDF)

Go To PDF Page Download Datasheet
WSL3637 Datasheet PDF - Vishay Siliconix

Part # WSL3637
Download  WSL3637 Click to download

File Size   127.2 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface-Mount, 4-Terminal

WSL3637 Datasheet (HTML) - Vishay Siliconix


WSL3637 Product details

FEATURES
• 4-terminal design allows for 0.5 % resistance
tolerance down to 0.001 Ω
• All welded construction of the Power Metal
Strip® resistors are ideal for all types of current
sensing, voltage division, and pulse applications
• Proprietary processing technique produces
extremely low resistance values (down to
0.001 Ω)
• Sulfur resistance by construction that is
unaffected by high sulfur environments
• Solid metal nickel-chrome alloy resistive
element with low TCR (< 20 ppm/°C)
• Low thermal EMF (< 3 μV/°C)
• Very low inductance, 0.5 nH to 5 nH
• Excellent frequency response to 50 MHz
• AEC-Q200 qualified (1)
• PATENT(S): www.vishay.com/patents
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - WSL3637

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL3637 VISHAY-WSL3637 Datasheet
159Kb / 2P
Power Metal Strip Resistors, Low Value, Surface Mount, 4-Terminal
11-Sep-04
WSL3637 VISHAY-WSL3637 Datasheet
266Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
26-Mar-07
WSL3637 VISHAY-WSL3637 Datasheet
110Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
01-Jul-09
WSL3637 VISHAY-WSL3637 Datasheet
93Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
10-Dec-10
WSL3637 VISHAY-WSL3637 Datasheet
93Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
10-Dec-10
More results


Similar Description - WSL3637

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSK VISHAY-WSK Datasheet
211Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
26-Mar-07
WSL3637 VISHAY-WSL3637_07 Datasheet
266Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
26-Mar-07
WSK VISHAY-WSK_09 Datasheet
108Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
01-Jul-09
WSL3637 VISHAY-WSL3637_09 Datasheet
110Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
01-Jul-09
WSL36371L000FEA VISHAY-WSL36371L000FEA Datasheet
93Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
10-Dec-10
WSL2512R0500FEA VISHAY-WSL2512R0500FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
12-Aug-09
WSL36378L000FEA VISHAY-WSL36378L000FEA Datasheet
93Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
10-Dec-10
WSL36374L000FEA VISHAY-WSL36374L000FEA Datasheet
93Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
10-Dec-10
WSK1206 VISHAY-WSK1206_15 Datasheet
88Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
10-Dec-10
WSL3637 VISHAY-WSL3637_15 Datasheet
88Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
10-Dec-10
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com