Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSLF Datasheet (PDF) - Vishay Siliconix

WSLF Datasheet PDF - Vishay Siliconix
Part # WSLF_V01
Download  WSLF Download
File Size   132.57 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Strip® Resistors, Low Value (Down to 0.0003 Ω), Surface-Mount

WSLF Datasheet (PDF)

Go To PDF Page Download Datasheet
WSLF Datasheet PDF - Vishay Siliconix

Part # WSLF_V01
Download  WSLF Click to download

File Size   132.57 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Strip® Resistors, Low Value (Down to 0.0003 Ω), Surface-Mount

WSLF Datasheet (HTML) - Vishay Siliconix


WSLF Product details

FEATURES
• Power Metal Strip® all-welded construction is
ideal for all types of current sensing, voltage
division, and pulse applications
• Solid metal nickel-chrome, manganese-copper,
or manganese-copper-tin alloy resistive
element with low TCR (< 20 ppm/°C)
• Proprietary processing technique produces
extremely low resistance values, down to
0.0003 Ω
• Sulfur resistance by construction that is unaffected by
high sulfur environments
• Very low inductance (< 2 nH)
• Low thermal EMF (< 3 μV/°C)
• AEC-Q200 qualified (1)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Notes
• Follow link to “Overview of Automotive Grade Products” for
more details: www.vishay.com/doc?49924
(1) Flame retardance test may not be applicable to some resistor
technologies




Similar Part No. - WSLF_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSLF1206 VISHAY-WSLF1206 Datasheet
121Kb / 5P
Power Metal Strip® Current Sense Resistors
17-Oct-2025
WSLF1206L5000FE6 VISHAY-WSLF1206L5000FE6 Datasheet
121Kb / 5P
Power Metal Strip® Current Sense Resistors
17-Oct-2025
WSLF1206L5000JE6 VISHAY-WSLF1206L5000JE6 Datasheet
121Kb / 5P
Power Metal Strip® Current Sense Resistors
17-Oct-2025
WSLF1206LFE6 VISHAY-WSLF1206LFE6 Datasheet
121Kb / 5P
Power Metal Strip® Current Sense Resistors
17-Oct-2025
WSLF1206LJE6 VISHAY-WSLF1206LJE6 Datasheet
121Kb / 5P
Power Metal Strip® Current Sense Resistors
17-Oct-2025
More results


Similar Description - WSLF_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL VISHAY-WSL Datasheet
119Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
10-Nov-08
WSL3921 VISHAY-WSL3921_07 Datasheet
265Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.0002 Ω), Surface Mount
29-Mar-07
WSLP3921 VISHAY-WSLP3921 Datasheet
90Kb / 3P
Power Metal Strip® Resistors, Very High Power (to 10 W) Low Value (Down to 0.0003 Ω), Surface Mount
18-Nov-10
WSL25123L000FTB VISHAY-WSL25123L000FTB Datasheet
86Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
06-Jun-12
WSL1206R2000FEA VISHAY-WSL1206R2000FEA Datasheet
86Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
06-Jun-12
WSR21R000FEA VISHAY-WSR21R000FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
01-Jul-09
WSL2512R0800FEA VISHAY-WSL2512R0800FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
12-Aug-09
WSLF VISHAY-WSLF Datasheet
103Kb / 4P
Power Metal Strip® Resistors, Low Value (Down to 0.0003 Ω), Surface-Mount
07-Apr-17
WSL5931 VISHAY-WSL5931_V01 Datasheet
142Kb / 5P
Power Metal Strip® Resistors, Low Value (Down to 0.0001 Ω), Surface-Mount
19-Jul-2022
WSR VISHAY-WSR_V01 Datasheet
107Kb / 4P
Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface Mount
29-Jun-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com