Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSLP4026 Datasheet (PDF) - Vishay Siliconix

WSLP4026 Datasheet PDF - Vishay Siliconix
Part # WSLP4026
Download  WSLP4026 Download
File Size   143.68 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Strip® Resistors, Very High Power (to 12 W), Low Value (Down to 0.0002 Ω), Surface Mount

WSLP4026 Datasheet (PDF)

Go To PDF Page Download Datasheet
WSLP4026 Datasheet PDF - Vishay Siliconix

Part # WSLP4026
Download  WSLP4026 Click to download

File Size   143.68 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Strip® Resistors, Very High Power (to 12 W), Low Value (Down to 0.0002 Ω), Surface Mount

WSLP4026 Datasheet (HTML) - Vishay Siliconix


WSLP4026 Product details

FEATURES
• High power to foot print size ratio
• All welded construction of the Power Metal
Strip® resistors are ideal for all types of current
sensing, voltage division and pulse
applications
• Proprietary processing technique produces
extremely low resistance values, down to
0.0002 Ω
• Sulfur resistance by construction that is
unaffected by high sulfur environments
• Specially selected and stabilized materials allow for high
power rating (to 12 W)
• Solid metal nickel-chrome or manganese-copper alloy
resistive element with low TCR (< 20 ppm/°C)
• Very low inductance 0.5 nH to 5 nH
• Low thermal EMF (< 3 μV/°C)
• AEC-Q200 qualified (1)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - WSLP4026

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSLP4026 VISHAY-WSLP4026 Datasheet
106Kb / 3P
Power Metal Strip® Resistors, Very High Power (to 7 W), Low Value (Down to 0.0005 ), Surface Mount
26-Jan-11
WSLP4026 VISHAY-WSLP4026_15 Datasheet
100Kb / 4P
Power Metal Strip® Resistors, Very High Power (to 7 W), Low Value (down to 0.0003 ohm), Surface Mount
07-Aug-15
More results


Similar Description - WSLP4026

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL3921 VISHAY-WSL3921_07 Datasheet
265Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.0002 Ω), Surface Mount
29-Mar-07
WSLP VISHAY-WSLP Datasheet
135Kb / 3P
Power Metal Strip® Resistors, Very High Power (to 1 W) Low Value (down to 0.001 Ω), Surface Mount
18-Nov-08
WSLP3921 VISHAY-WSLP3921 Datasheet
90Kb / 3P
Power Metal Strip® Resistors, Very High Power (to 10 W) Low Value (Down to 0.0003 Ω), Surface Mount
18-Nov-10
WSL39211L000FEA VISHAY-WSL39211L000FEA Datasheet
91Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.0002 Ω), Surface Mount
11-Nov-10
WSL3921 VISHAY-WSL3921_15 Datasheet
98Kb / 4P
Power Metal Strip® Resistors, Low Value (down to 0.0002 ohm), Surface Mount
20-Jul-15
WSLP3921 VISHAY-WSLP3921_15 Datasheet
95Kb / 4P
Power Metal Strip® Resistors, Very High Power (to 10 W), Low Value (down to 0.0002 ohm), Surface Mount
12-Mar-14
WSLP2726 VISHAY-WSLP2726_V01 Datasheet
152Kb / 5P
Power Metal Strip® Resistors, Very High Power (to 12 W), Low Value (Down to 0.0002 Ω), Surface Mount
Revision: 27-Jan-2022
WSLP5931 VISHAY-WSLP5931_V01 Datasheet
142Kb / 5P
Power Metal Strip® Resistors, Very High Power (to 15 W), Low Value (Down to 0.0001 Ω), Surface-Mount
15-Jul-2022
WSLP VISHAY-WSLP_V01 Datasheet
141Kb / 4P
Power Metal Strip® Resistors, Very High Power (to 3 W), Low Value (Down to 0.0005 Ω), Surface-Mount
09-Aug-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com