Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSC Datasheet (PDF) - Vishay Siliconix

WSC Datasheet PDF - Vishay Siliconix
Part # WSC
Download  WSC Download
File Size   110.11 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wirewound Resistors, Precision Power, Surface Mount

WSC Datasheet (PDF)

Go To PDF Page Download Datasheet
WSC Datasheet PDF - Vishay Siliconix

Part # WSC
Download  WSC Click to download

File Size   110.11 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wirewound Resistors, Precision Power, Surface Mount

WSC Datasheet (HTML) - Vishay Siliconix


WSC Product details

FEATURES
• All welded construction
• Molded encapsulation
• Wraparound terminations
• Excellent stability at different environmental
conditions
• High power ratings (up to 3 W)
• Superior surge capability
• Available in non-inductive styles with Ayrton-
Perry winding (WSN in lieu of WSC, maximum
resistance is one-half WSC range)
• AEC-Q200 qualified (1)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - WSC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSC VISHAY-WSC Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
logo
AiT Semiconductor Inc.
WSC AITSEMI-WSC Datasheet
348Kb / 3P
WIRE WOUND SMD INDUCTOR 10uH짹20% / 1.0A
logo
Vishay Siliconix
WSC0001 VISHAY-WSC0001 Datasheet
247Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
14-Feb-06
WSC0001 VISHAY-WSC0001 Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
WSC000110R00BEA VISHAY-WSC000110R00BEA Datasheet
96Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
05-Nov-13
More results


Similar Description - WSC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSC01 VISHAY-WSC01 Datasheet
247Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
14-Feb-06
WSC VISHAY-WSC Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
WSC0001R1000FTB VISHAY-WSC0001R1000FTB Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
WSC2515R3300FEA VISHAY-WSC2515R3300FEA Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
WSC251550R00FEA VISHAY-WSC251550R00FEA Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
WSC692754R90FTA VISHAY-WSC692754R90FTA Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
WSC2515R7000FEA VISHAY-WSC2515R7000FEA Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
logo
Bourns Electronic Solut...
PWR4525W7R50JE BOURNS-PWR4525W7R50JE Datasheet
212Kb / 2P
Surface Mount Wirewound Power Resistors
logo
Vishay Siliconix
WSC251510R00FEA VISHAY-WSC251510R00FEA Datasheet
96Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
05-Nov-13
WSC VISHAY-WSC_15 Datasheet
80Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
10-Dec-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com