Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-35720 Datasheet (PDF) - ABLIC Inc.

S-35720 Datasheet PDF - ABLIC Inc.
Part # S-35720
Download  S-35720 Download
File Size   415.93 Kbytes
Page   20 Pages
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Description PIN-SELECTABLE WAKE-UP TIMER IC

S-35720 Datasheet (PDF)

Go To PDF Page Download Datasheet
S-35720 Datasheet PDF - ABLIC Inc.

Part # S-35720
Download  S-35720 Click to download

File Size   415.93 Kbytes
Page   20 Pages
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Description PIN-SELECTABLE WAKE-UP TIMER IC

S-35720 Datasheet (HTML) - ABLIC Inc.


S-35720 Product details

 Features
• Wake-up function Settable wake-up time (interrupt time)
(Alarm interrupt function): Selectable as the option on the second time scale from 1 second to 194 days
(Approximately half a year)
• Low current consumption: 0.2 μA typ. (Quartz crystal: CL = 6.0 pF, VDD = 3.0 V, Ta = +25°C)
• Wide range of operation voltage: 1.8 V to 5.5 V
• Built-in 32.768 kHz crystal oscillation circuit
• Operation temperature range: Ta = −40°C to +85°C
• Lead-free (Sn 100%), halogen-free

 Applications
• IoT communications device
• Monitoring device
• Security device
• Battery system
• Energy harvesting system




Similar Part No. - S-35720

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-35720B01A-K8T2U SII-S-35720B01A-K8T2U Datasheet
1Mb / 21P
Low current consumption
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
Low current consumption
S-35720D01A-K8T2U SII-S-35720D01A-K8T2U Datasheet
1Mb / 21P
Low current consumption
More results


Similar Description - S-35720

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8008F TOSHIBA-TA8008F Datasheet
344Kb / 9P
VOLTAGE REGULATOR WITH WAKE UP TIMER
logo
ATMEL Corporation
ATA5283 ATMEL-ATA5283 Datasheet
233Kb / 14P
Interface IC for 125 kHz Wake-up Function
ATA5283 ATMEL-ATA5283_07 Datasheet
271Kb / 14P
Interface IC for 125 kHz Wake-up Function
logo
Linear Technology
LTC2956 LINER-LTC2956_15 Datasheet
315Kb / 26P
Wake-Up Timer with Pushbutton Control
logo
Silicon Laboratories
EFM32G200 SILABS-EFM32G200 Datasheet
1Mb / 67P
Wake-up Interrupt Controller
EFM32G210 SILABS-EFM32G210 Datasheet
1Mb / 68P
Wake-up Interrupt Controller
EFM32G280 SILABS-EFM32G280 Datasheet
1Mb / 72P
Wake-up Interrupt Controller
logo
Linear Technology
LTC2956 LINER-LTC2956 Datasheet
274Kb / 10P
Wake-Up Timer with Pushbutton Control
logo
ABLIC Inc.
S-35710 ABLIC-S-35710 Datasheet
753Kb / 32P
PROGRAMMABLE WAKE-UP TIMER IC
Rev.1.1_00
S-35710M ABLIC-S-35710M Datasheet
655Kb / 29P
PROGRAMMABLE WAKE-UP TIMER IC WITH BUILT-IN QUARTZ CRYSTAL
Rev.1.1_00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com