Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R53BN31000000MC-SPEC Datasheet (PDF) - Kemet Corporation

R53BN31000000MC-SPEC Datasheet PDF - Kemet Corporation
Part # R53BN31000000MC-SPEC
Download  R53BN31000000MC-SPEC Download
File Size   1151.43 Kbytes
Page   20 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description R53B, THB Grade IIIB, Class X2, 350 VAC, 125°C (Automotive Grade)

R53BN31000000MC-SPEC Datasheet (PDF)

Go To PDF Page Download Datasheet
R53BN31000000MC-SPEC Datasheet PDF - Kemet Corporation

Part # R53BN31000000MC-SPEC
Download  R53BN31000000MC-SPEC Click to download

File Size   1151.43 Kbytes
Page   20 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description R53B, THB Grade IIIB, Class X2, 350 VAC, 125°C (Automotive Grade)

R53BN31000000MC-SPEC Datasheet (HTML) - Kemet Corporation


R53BN31000000MC-SPEC Product details

Benefits
• Approvals: ENEC, UL, cUL, CQC
• X2 CLASS (IEC 60384-14)
• THB Grade IIIB: 85°C, 85% RH, 1,000 hours at
350 VAC/800 VDC acc. to IEC 60384-14
• Low Halogen Content according to JS709C
• Rated AC voltage: 350 VAC 50/60 Hz
• Rated DC Voltage: 800 VDC
• Recommended DC Voltage ≤ 1000 VDC
• Capacitance range: 0.068 – 20 μF
• Lead spacing: 15.0 – 52.5 mm
• Capacitance tolerance: ±20%, ±10%
• Climatic category 40/110/56, IEC 60068-1
• Tape & Reel in accordance with IEC 60286-2
• RoHS compliant and lead-free terminations
• Operating temperature range of −40°C to +125°C
• 100% screening factory test at 1,900 VDC
• Self healing properties"
• Automotive (AEC-Q200) grade
• Parallel and Series construction available




Similar Part No. - R53BN31000000MC-SPEC

ManufacturerPart #DatasheetDescription
logo
VECTOR ELECTRONICS AND ...
R53/M VECTOR-R53/M Datasheet
550Kb / 1P
Pins,Terminals and Solder Washers
logo
Supertex, Inc
R531 SUTEX-R531 Datasheet
70Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS Power FETs?
logo
RICOH electronics devic...
R5310L RICOH-R5310L Datasheet
270Kb / 34P
Multi LDOs for Cellular-phone
R5310L001B RICOH-R5310L001B Datasheet
270Kb / 34P
Multi LDOs for Cellular-phone
R5312L RICOH-R5312L Datasheet
336Kb / 33P
Multi LDOs for Cellular-phone?
More results


Similar Description - R53BN31000000MC-SPEC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F862BC104M310Z KEMET-F862BC104M310Z Datasheet
1Mb / 14P
F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F862BC104M310C KEMET-F862BC104M310C_16 Datasheet
1Mb / 14P
F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
R475I21000001M KEMET-R475I21000001M_16 Datasheet
1Mb / 14P
R47 Series, Class X2, 520 VAC (Automotive Grade)
F863BC104M310A KEMET-F863BC104M310A Datasheet
1Mb / 15P
F863 Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
R533I347000P0M KEMET-R533I347000P0M Datasheet
1Mb / 17P
R53 (Miniature), THB Grade IIIB, Class X2, 310 VAC, 110째C (Automotive Grade)
logo
Vishay Siliconix
F340X2 VISHAY-F340X2 Datasheet
181Kb / 12P
THB Grade IIIB Class X2 Interference Suppression Film Capacitor Radial MKP 305 VAC - Across the Line
11-Oct-2019
F340X1 VISHAY-F340X1 Datasheet
170Kb / 13P
THB Grade IIIB Class X1 Interference Suppression Film Capacitor Radial MKP 480 VAC - Three Phase Across the Line
12-May-2021
F339X2 VISHAY-F339X2 Datasheet
178Kb / 14P
THB Grade IIB Class X2 Interference Suppression Film Capacitor Radial MKP 305 VAC - Across the Line
14-Aug-2019
logo
Kemet Corporation
R41BI233000T0MV106 KEMET-R41BI233000T0MV106 Datasheet
1Mb / 21P
R41B, THB GradeIIIB, Class X1/Y2, 350 VAC, 125°C
12/3/2021
R58 KEMET-R58 Datasheet
627Kb / 21P
R58, Class X1, THB Grade IIIB, 600 VAC, 110°C (Automotive Grade)
7/10/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com