Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B203-101-POC Datasheet (PDF) - Tripp Lite. All Rights Reserved

B203-101-POC Datasheet PDF - Tripp Lite. All Rights Reserved
Part # B203-101-POC
Download  B203-101-POC Download
File Size   178.44 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description 1-Port USB over Cat5/Cat6 Extender Kit with Power over Cable - USB 2.0, Up to 164.04 ft. (50M), Black

B203-101-POC Datasheet (PDF)

Go To PDF Page Download Datasheet
B203-101-POC Datasheet PDF - Tripp Lite. All Rights Reserved

Part # B203-101-POC
Download  B203-101-POC Click to download

File Size   178.44 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description 1-Port USB over Cat5/Cat6 Extender Kit with Power over Cable - USB 2.0, Up to 164.04 ft. (50M), Black

B203-101-POC Datasheet (HTML) - Tripp Lite. All Rights Reserved


B203-101-POC Product details

Features
Connects Your Computer or Laptop to a USB 2.0 Device up to 164-ft. (50 m) AwayThis plug-and-play
extender kit is ideal for connecting your home or office computer's USB-A port to a printer, 1080p
webcam, external hard drive or other USB device located up to 164-ft. (50 m) away. The B203-101-POC
includes a local transmitter and a remote receiver. It sends USB 2.0 signals over user-supplied Cat5/6
cabling (such as Tripp Lite's N202-Series Cat6 Ethernet cables).
Built-In Power over Cable Technology Provides Power to Avoid Bulky Power BricksPoC powers the
receiver over Cat5/6 cable. Green and orange LEDs on both units will light up to indicate they are
receiving power and data is being transmitted. PoC lets you avoid the hassle of a bulky power brick and
gives you the freedom to place the transmitter and receiver away from AC outlets. Note: if connected to a
high-density USB hard drive, the receiver features a USB Micro-B port for plugging a 5V external power
supply (sold separately) into an AC outlet.
With Great Distance Comes Great FlexibilityBy extending the USB connection beyond the standard 16-
ft. (4.88 m) distance limitation to 164-ft. (50 m), the B203-101-POC provides workstation flexibility to place
your computer and the USB device where they are best suited. This extender kit supports USB 2.0 data
transfer rates up to 480 Mbps and is backward compatible with USB 1.1 technology, allowing you to
connect legacy devices. No network connectivity is needed.
Built-In USB Cable Offers a Fast, Easy Plug-and-Play ConnectionJust connect the transmitter's USB
cable to your computer's USB-A port, connect a USB 2.0 device to the receiver's USB-A port, and connect
the two units with Cat5/6 cable (sold separately). You don't need to download any drivers or other
software.




Similar Part No. - B203-101-POC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B203-101-IND TRIPPLITE-B203-101-IND Datasheet
178Kb / 4P
1-Port Industrial USB over Cat6 Extender, ESD Protection, PoC - USB 2.0, Mountable, 150 ft. (45.72 m), TAA
More results


Similar Description - B203-101-POC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
0DT60001 TRIPPLITE-0DT60001 Datasheet
506Kb / 2P
USB VGA over Cat5 UTP KVM Console Extender Kit - 500-ft
B130101U TRIPPLITE-B130101U Datasheet
495Kb / 2P
VGA over Cat5-Cat6 Extender Kit, Transmitter and Receiver, USB-Powered, 1920x1440 at 60Hz, Up to 500-ft
B202150 TRIPPLITE-B202150 Datasheet
487Kb / 2P
1-Port USB over Cat5-Cat6 Extender, Transmitter and Receiver, up to 150-ft
B203101 TRIPPLITE-B203101 Datasheet
499Kb / 2P
1-Port USB 2.0 over Cat5-Cat6 Extender Kit,Transmitter and Receiver, Hi-Speed USB up to 330-ft (100M)
B203104 TRIPPLITE-B203104 Datasheet
486Kb / 2P
4-Port USB 2.0 over Cat5-Cat6 Extender Hub,Transmitter and Receiver Hub, Hi-Speed USB up to 330-ft. (100M)
U00740M TRIPPLITE-U00740M Datasheet
487Kb / 2P
USB over Cat5 Extender Kit
B126-1A1-U TRIPPLITE-B126-1A1-U Datasheet
168Kb / 4P
HDMI over Cat5/Cat6 Active Extender Kit, 1080p @ 60 Hz, USB Powered, Up to 125-ft., TAA
B126-1P1M-U-POC TRIPPLITE-B126-1P1M-U-POC Datasheet
167Kb / 3P
HDMI over Cat5/Cat6 Extender Kit, Power over Cable, 1080p @ 60 Hz, TAA
B130-101-U TRIPPLITE-B130-101-U Datasheet
162Kb / 3P
VGA over Cat5/Cat6 Extender Kit, Transmitter and Receiver, USB-Powered, 1920x1440 at 60Hz, Up to 500-ft., TAA
B203-104-POC TRIPPLITE-B203-104-POC Datasheet
178Kb / 3P
4-Port USB over Cat5/Cat6 Extender Kit with Power over Cable - USB 2.0, Up to 164.04 ft. (50M), Black
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com