Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSB2A080FD Datasheet (PDF) - Schneider Electric

RSB2A080FD Datasheet PDF - Schneider Electric
Part # RSB2A080FD
Download  RSB2A080FD Download
File Size   151.36 Kbytes
Page   6 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Harmony, Interface plug-in relay, 8 A, 2 CO, 110 V DC

RSB2A080FD Datasheet (PDF)

Go To PDF Page Download Datasheet
RSB2A080FD Datasheet PDF - Schneider Electric

Part # RSB2A080FD
Download  RSB2A080FD Click to download

File Size   151.36 Kbytes
Page   6 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Harmony, Interface plug-in relay, 8 A, 2 CO, 110 V DC

RSB2A080FD Datasheet (HTML) - Schneider Electric


RSB2A080FD Product details

Main
Range of Product Harmony Electromechanical Relays
Series name Interface relay
Product or Component
Type
Plug-in relay
Device short name RSB
Contacts type and composition
2 C/O
Contact operation Standard [Uc] control circuit voltage
110 V DC
[Ithe] conventional enclosed thermal current
8 A -40…104 °F (-40…40 °C)
Status LED Without
Control Type Without push-button




Similar Part No. - RSB2A080FD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RSB2A080FD SCHNEIDER-RSB2A080FD Datasheet
151Kb / 6P
Harmony, Interface plug-in relay, 8 A, 2 CO, 110 V DC
Aug 11, 2021
More results


Similar Description - RSB2A080FD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RSB2A080BDS SCHNEIDER-RSB2A080BDS Datasheet
157Kb / 6P
Harmony, Interface plug-in relay with socket, 8 A, 2 CO, 24 V DC
Aug 9, 2021
RSB1A120FD SCHNEIDER-RSB1A120FD Datasheet
149Kb / 6P
Harmony, Interface plug-in relay, 12 A, 1 CO, 110 V DC
Aug 11, 2021
RSB1A160FD SCHNEIDER-RSB1A160FD Datasheet
152Kb / 6P
Harmony, Interface plug-in relay, 16 A, 1 CO, 110 V DC
Aug 11, 2021
RSB2A080B7 SCHNEIDER-RSB2A080B7 Datasheet
151Kb / 6P
Harmony, Interface plug-in relay, 8 A, 2 CO, 24 V AC
Aug 11, 2021
RSB2A080BD SCHNEIDER-RSB2A080BD Datasheet
151Kb / 6P
Harmony, Interface plug-in relay, 8 A, 2 CO, 24 V DC
Aug 11, 2021
RSB2A080ED SCHNEIDER-RSB2A080ED Datasheet
151Kb / 6P
Harmony, Interface plug-in relay, 8 A, 2 CO, 48 V DC
Aug 11, 2021
RSB2A080FD SCHNEIDER-RSB2A080FD Datasheet
151Kb / 6P
Harmony, Interface plug-in relay, 8 A, 2 CO, 110 V DC
Aug 11, 2021
RSB2A080JD SCHNEIDER-RSB2A080JD Datasheet
152Kb / 6P
Harmony, Interface plug-in relay, 8 A, 2 CO, 12 V DC
Aug 11, 2021
RSB1A120FD SCHNEIDER-RSB1A120FD_V01 Datasheet
149Kb / 6P
Harmony, Interface plug-in relay, 12 A, 1 CO, 110 V DC
Jan 13, 2022
RSB2A080ED SCHNEIDER-RSB2A080ED_V01 Datasheet
145Kb / 6P
Harmony, Interface plug-in relay, 8 A, 2 CO, 48 V DC
Jan 11, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com