Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXG15JD Datasheet (PDF) - Schneider Electric

RXG15JD Datasheet PDF - Schneider Electric
Part # RXG15JD
Download  RXG15JD Download
File Size   279.57 Kbytes
Page   6 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Harmony, Interface plug-in relay, 10 A, 1 CO, clear cover, 12 V DC

RXG15JD Datasheet (PDF)

Go To PDF Page Download Datasheet
RXG15JD Datasheet PDF - Schneider Electric

Part # RXG15JD
Download  RXG15JD Click to download

File Size   279.57 Kbytes
Page   6 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Harmony, Interface plug-in relay, 10 A, 1 CO, clear cover, 12 V DC

RXG15JD Datasheet (HTML) - Schneider Electric


RXG15JD Product details

Main
Range of Product Harmony Electromechanical Relays
Series name Interface relay
Product or Component Type
Plug-in relay
Device short name RXG
Contacts type and composition
1 C/O




Similar Part No. - RXG15JD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RXG15JD SCHNEIDER-RXG15JD Datasheet
295Kb / 7P
Harmony, Interface plug-in relay, 10 A, 1 CO, clear cover, 12 V DC
Aug 11, 2021
More results


Similar Description - RXG15JD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RSB1A120JD SCHNEIDER-RSB1A120JD Datasheet
144Kb / 6P
Harmony, Interface plug-in relay, 12 A, 1 CO, 12 V DC
Aug 11, 2021
RXG15BD SCHNEIDER-RXG15BD Datasheet
295Kb / 7P
Harmony, Interface plug-in relay, 10 A, 1 CO, clear cover, 24 V DC
Aug 11, 2021
RXG15F7 SCHNEIDER-RXG15F7 Datasheet
287Kb / 7P
Harmony, Interface plug-in relay, 10 A, 1 CO, clear cover, 120 V AC
Aug 11, 2021
RXG15JD SCHNEIDER-RXG15JD Datasheet
295Kb / 7P
Harmony, Interface plug-in relay, 10 A, 1 CO, clear cover, 12 V DC
Aug 11, 2021
RXG15P7 SCHNEIDER-RXG15P7 Datasheet
288Kb / 7P
Harmony, Interface plug-in relay, 10 A, 1 CO, clear cover, 230 V AC
Aug 11, 2021
RXG25BD SCHNEIDER-RXG25BD Datasheet
294Kb / 7P
Harmony, Interface plug-in relay, 5 A, 2 CO, clear cover, 24 V DC
Aug 11, 2021
RSB1A120FD SCHNEIDER-RSB1A120FD_V01 Datasheet
149Kb / 6P
Harmony, Interface plug-in relay, 12 A, 1 CO, 110 V DC
Jan 13, 2022
RSB1A160JD SCHNEIDER-RSB1A160JD_V01 Datasheet
150Kb / 6P
Harmony, Interface plug-in relay, 16 A, 1 CO, 12 V DC
Jan 13, 2022
RXG15BD SCHNEIDER-RXG15BD_V01 Datasheet
279Kb / 6P
Harmony, Interface plug-in relay, 10 A, 1 CO, clear cover, 24 V DC
Jan 12, 2022
RXG25BD SCHNEIDER-RXG25BD_V01 Datasheet
277Kb / 6P
Harmony, Interface plug-in relay, 5 A, 2 CO, clear cover, 24 V DC
Jan 13, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com