Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFB Datasheet (PDF) - PCTEL, Inc.

MFB Datasheet PDF - PCTEL, Inc.
Part # MFB
Download  MFB Download
File Size   297.98 Kbytes
Page   4 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description Fiberglass Base Station Omnidirectional Antennas

MFB Datasheet (PDF)

Go To PDF Page Download Datasheet
MFB Datasheet PDF - PCTEL, Inc.

Part # MFB
Download  MFB Click to download

File Size   297.98 Kbytes
Page   4 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description Fiberglass Base Station Omnidirectional Antennas

MFB Datasheet (HTML) - PCTEL, Inc.


MFB Product details

Features
• Unity, 3 dB, 5 dB, 7 dB models
• Rugged, UV-resistant fiberglass housing
• Easy to install
• Withstands extreme weather conditions




Similar Part No. - MFB

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
MFB-1100 MARKIMICROWAVE-MFB-1100 Datasheet
344Kb / 7P
Passive MMIC 9-13 GHz Bandpass Filter
MFB-1445SM MARKIMICROWAVE-MFB-1445SM Datasheet
392Kb / 7P
Passive MMIC 13.6-15.1 GHz Bandpass Filter
MFB-1600 MARKIMICROWAVE-MFB-1600 Datasheet
348Kb / 7P
Passive MMIC 12-20 GHz Bandpass Filter
MFB-2025 MARKIMICROWAVE-MFB-2025 Datasheet
356Kb / 7P
Passive MMIC 16-26 GHz Bandpass Filter
MFB-2025CH MARKIMICROWAVE-MFB-2025CH Datasheet
356Kb / 7P
Passive MMIC 16-26 GHz Bandpass Filter
More results


Similar Description - MFB

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
820-IF63.0M-A OSCILENT-820-IF63.0M-A Datasheet
132Kb / 1P
Base Station & Repeater
820-IF70.0M-A OSCILENT-820-IF70.0M-A Datasheet
141Kb / 2P
Base Station & Repeater
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y Datasheet
146Kb / 2P
Base Station & Repeater
820-IF72.5M-A OSCILENT-820-IF72.5M-A Datasheet
145Kb / 2P
Base Station & Repeater
820-IF75.0M-A OSCILENT-820-IF75.0M-A Datasheet
143Kb / 2P
Base Station & Repeater
logo
List of Unclassifed Man...
FG4060 ETC2-FG4060 Datasheet
86Kb / 2P
Fiberglass Omnidirectional Wireless Antennas
logo
Pulse A Technitrol Comp...
YA3406WN PULSE-YA3406WN Datasheet
310Kb / 2P
BASE STATION ANTENNAS
logo
NIHON DEMPA KOGYO
NV13M09WS NDK-NV13M09WS Datasheet
683Kb / 1P
Personal Radio Base Station and 5G Base Station
logo
Laird Tech Smart Techno...
FG4500 LSTD-FG4500 Datasheet
383Kb / 1P
Fiberglass Omnidirectional Antennas 450~470 MHz
FG9023 LSTD-FG9023 Datasheet
1Mb / 1P
FIBERGLASS OMNIDIRECTIONAL ANTENNAS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com