Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2409S-2WR3 Datasheet (PDF) - MORNSUN Science& Technology Ltd.

F2409S-2WR3 Datasheet PDF - MORNSUN Science& Technology Ltd.
Part # F2409S-2WR3
Download  F2409S-2WR3 Download
File Size   1165.9 Kbytes
Page   5 Pages
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.
Description 2W isolated DC-DC converter Fixed input voltage, unregulated dual/ single output

F2409S-2WR3 Datasheet (PDF)

Go To PDF Page Download Datasheet
F2409S-2WR3 Datasheet PDF - MORNSUN Science& Technology Ltd.

Part # F2409S-2WR3
Download  F2409S-2WR3 Click to download

File Size   1165.9 Kbytes
Page   5 Pages
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.
Description 2W isolated DC-DC converter Fixed input voltage, unregulated dual/ single output

F2409S-2WR3 Datasheet (HTML) - MORNSUN Science& Technology Ltd.


F2409S-2WR3 Product details

FEATURES
 Continuous short-circuit protection
 No-load input current as lowas 8mA
 Operating ambient temperaturerange: -40℃ to +105℃
 High efficiency up to 86% High power density
 I/O isolation test voltage 3k VDC Industry standard pin-out
 IEC62368, UL62368, EN62368 approved




Similar Part No. - F2409S-2WR3

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
F2409S-2WR2 REICU-F2409S-2WR2 Datasheet
1,006Kb / 1P
3000VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
More results


Similar Description - F2409S-2WR3

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
E-XD-2W MICRODC-E-XD-2W Datasheet
705Kb / 3P
2W,FIXED INPUT,ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
2E-XD MICRODC-2E-XD Datasheet
572Kb / 3P
2W,FIXED INPUT,ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2D14B GAPTEC-2D14B Datasheet
1Mb / 5P
2W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2D14C GAPTEC-2D14C Datasheet
982Kb / 4P
2W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2S7A GAPTEC-2S7A Datasheet
1Mb / 5P
2W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2S7B GAPTEC-2S7B Datasheet
1Mb / 5P
2W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2S7B-6UP GAPTEC-2S7B-6UP Datasheet
1Mb / 4P
2W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2S7BE GAPTEC-2S7BE Datasheet
653Kb / 5P
2W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2S7BE-6U GAPTEC-2S7BE-6U Datasheet
924Kb / 5P
2W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
MORNSUN Science& Techno...
A_S-2WR3 MORNSUN-A_S-2WR3 Datasheet
1Mb / 5P
2W isolated DC-DC converter Fixed input voltage, unregulated dual/ single output
2021.09.23-A/4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com