Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEK-SNS-2TOFM1 Datasheet (PDF) - STMicroelectronics

AEK-SNS-2TOFM1 Datasheet PDF - STMicroelectronics
Part # AEK-SNS-2TOFM1
Download  AEK-SNS-2TOFM1 Download
File Size   3598.75 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Predefined gesture detection system based on FlightSense technology sensors

AEK-SNS-2TOFM1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AEK-SNS-2TOFM1 Datasheet PDF - STMicroelectronics

Part # AEK-SNS-2TOFM1
Download  AEK-SNS-2TOFM1 Click to download

File Size   3598.75 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Predefined gesture detection system based on FlightSense technology sensors

AEK-SNS-2TOFM1 Datasheet (HTML) - STMicroelectronics


AEK-SNS-2TOFM1 Product details

Description
The AEK-SNS-2TOFM1 includes two Time-of-Flight distance-ranging sensors placed
at a distance of 23 cm one from the other.
The on-board SPC582B60E1 microcontroller reads the sensor data and detects a
predefined hand/foot gesture.
This solution is designed for power liftgate applications, to open/close the trunk with a
predefined foot movement.
The AEK-SNS-2TOFM1 evaluation board firmware is preloaded. It is enabled for an
external CAN bus driving.
The AutoDevKit software library (STSW-AUTODEVKIT) includes a CAN bus-driving
example based on the SPC58EC Chorus 4M.

Features
• CAN bus interface for remote control support
• Serial interface for remote communication support
• Input voltage: 12 V battery bus
• Size: 250 mm x 86 mm
• Included in the AutoDevKit ecosystem




Similar Part No. - AEK-SNS-2TOFM1

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
AEK-433-USP410 LINX-AEK-433-USP410 Datasheet
960Kb / 10P
Embedded 433 MHz LPWA Antenna
2020
AEK-868-VHETH LINX-AEK-868-VHETH Datasheet
882Kb / 10P
868 MHz Helical Antenna
2021
logo
STMicroelectronics
AEK-AUD-C1D9031 STMICROELECTRONICS-AEK-AUD-C1D9031 Datasheet
1Mb / 10P
AVAS solution based on SPC582B60E1 Chorus family MCU and FDA903D Class D audio amplifier
04-Feb-2021
AEK-COM-10BASET STMICROELECTRONICS-AEK-COM-10BASET Datasheet
1Mb / 16P
10BASE-T1S MAC-PHY evaluation board
16-Dec-2024
AEK-COM-BLEV1 STMICROELECTRONICS-AEK-COM-BLEV1 Datasheet
3Mb / 12P
Bluetooth communication board based on BlueNRG-1
Rev 1 - February 2020
More results


Similar Description - AEK-SNS-2TOFM1

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8141 SONARDYNE-8141 Datasheet
161Kb / 2P
Tsunami Detection System
logo
Texas Instruments
TMDX470MF066HDK TI1-TMDX470MF066HDK Datasheet
5Mb / 21P
TI embedded processors based on ARM technology
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9500 AVAGO-APDS-9500 Datasheet
298Kb / 36P
Imaging-Based Proximity and Gesture Sensor
logo
STMicroelectronics
UM2047 STMICROELECTRONICS-UM2047 Datasheet
595Kb / 16P
X-NUCLEO-53L0A1 ranging and gesture detection sensor expansion board based on VL53L0X for STM32 Nucleo
25-May-2016
VL6180X-SATEL STMICROELECTRONICS-VL6180X-SATEL Datasheet
168Kb / 5P
Satellite boards based on VL6180X proximity, gesture and ambient light sensor
June 2015 Rev 2
VL53L1X STMICROELECTRONICS-VL53L1X Datasheet
1Mb / 35P
A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
November 2018 Rev 3
X-CUBE-TOUCHGFX STMICROELECTRONICS-X-CUBE-TOUCHGFX Datasheet
632Kb / 5P
Ranging and gesture detection sensor expansion board based on VL53L0X for STM32 Nucleo
14-Jun-2021
X-NUCLEO-53L0A1 STMICROELECTRONICS-X-NUCLEO-53L0A1 Datasheet
227Kb / 5P
Ranging and gesture detection sensor expansion board based on VL53L0X for STM32 Nucleo
21-Jul-2016
VL53L1X STMICROELECTRONICS-VL53L1X_V01 Datasheet
1Mb / 35P
A new generation, long distance ranging Time-of-Flight sensor based on ST’s FlightSense technology
logo
Endress+Hauser Group Se...
CM14 EH-CM14 Datasheet
878Kb / 16P
Based on digital Memosens technology
2021-12-31
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com