Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE4460 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
AFE4460 Datasheet PDF - Texas Instruments
Part # AFE4460
Download  AFE4460 Download
File Size   688.84 Kbytes
Page   11 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AFE4460 Ultra-Small, Integrated AFE for Optical Bio-Sensing

AFE4460 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE4460 Datasheet PDF - Texas Instruments

Part # AFE4460
Download  AFE4460 Click to download

File Size   688.84 Kbytes
Page   11 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AFE4460 Ultra-Small, Integrated AFE for Optical Bio-Sensing

AFE4460 Datasheet (HTML) - Texas Instruments


AFE4460 Product details

1 Features
Supports signal acquisition of up to 16 phase sets
Supports up to 32 LEDs, 4 PDs
Flexible allocation of LEDs, PDs in each phase
Simultaneous signal acquisition from different
sensors at different data rates
Accurate, continuous PPG monitoring:
– Low current for continuous heart-rate
monitoring on a wearable device with a typical
value: 15 μA for an LED, 15 μA for the receiver
– Peak system SNR of 115 dB
Transmitter:
– 8-Bit Programmable LED current with range
adjustable from 25 mA to 250 mA
– Mode to fire two LEDs in parallel with
independent per-phase current control
– Programmable LED on-time per-phase
– Simultaneous support of 32 LEDs for SpO2,
Multi-Wavelength HRM, and Spectroscopy
Receiver:
– Supports 4 Time-Multiplexed PD Inputs
– 4 parallel receivers (4 sets of TIA/filter)
– Individual ambient offset subtraction DAC at
each TIA Input with 8-bit per-phase control and
range adjustable up to 255-μA
– Individual LED offset subtraction DAC at each
TIA input with 9-bit per-phase control and 64-
μA range
– Digital ambient subtraction at ADC output
– Noise filtering with programmable bandwidth
– Transimpedance gain: 3.7 kΩ to 1 MΩ
Supports external clock or internal oscillator
Option to acquire data synchronized with a system
clock
Automatic cancellation of DC from Ambient, LED
FIFO with 256-sample depth
SPI™ interface/ I2C interface
2.6-mm × 2.6-mm DSBGA, 0.4-mm Pitch
Supplies: Rx:1.7 - 1.9 V (LDO Bypass); 1.9 - 3.6 V
(LDO Enabled), Tx: 3-5.5 V, IO: 1.7-RX_SUP

2 Applications
• Optical Heart-Rate Monitoring (HRM) for
wearables, hearables
• Heart-Rate Variability (HRV)
• Pulse Oximetry (SpO2) measurements
• Optical Spectroscopy

3 Description
The AFE4460 is an analog front-end for optical biosensing
applications, such as heart-rate monitoring
(HRM) and saturation of peripheral capillary oxygen
(SpO2). The device supports up to 32 switching lightemitting
diodes (LEDs) and up to four photodiodes
(PDs). The AFE has two LED drivers each with 8-
bit current control. The device has a high dynamic
range transmit-and-receive circuitry that helps with
the sensing of very small signal levels. Up to 16
signal phase sets can be defined, each phase
set comprising a combination of LED and Ambient
phases. Low noise offset DACs at the receiver inputs
can be automatically controlled to cancel DC from
Ambient and LED light. The current from each of
the 4 PDs in each phase is converted into voltage
by TIAs, filtered, and then digitized using a common
ADC. The ADC code can be stored in a 256-sample
FIFO block. The FIFO can be read out using a SPI or
I2C interface.




Similar Part No. - AFE4460

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4460 TI2-AFE4460 Datasheet
652Kb / 10P
AFE4460 Ultra-Small, Integrated AFE for Optical Bio-Sensing
JUNE 2022
AFE4460YBGR TI2-AFE4460YBGR Datasheet
652Kb / 10P
AFE4460 Ultra-Small, Integrated AFE for Optical Bio-Sensing
JUNE 2022
AFE4460YBGR.A TI2-AFE4460YBGR.A Datasheet
652Kb / 10P
AFE4460 Ultra-Small, Integrated AFE for Optical Bio-Sensing
JUNE 2022
AFE4460YBGT TI2-AFE4460YBGT Datasheet
652Kb / 10P
AFE4460 Ultra-Small, Integrated AFE for Optical Bio-Sensing
JUNE 2022
AFE4460YBGT.A TI2-AFE4460YBGT.A Datasheet
652Kb / 10P
AFE4460 Ultra-Small, Integrated AFE for Optical Bio-Sensing
JUNE 2022
More results


Similar Description - AFE4460

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4404 TI-AFE4404_15 Datasheet
1Mb / 80P
AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
AFE4405 TI1-AFE4405 Datasheet
682Kb / 11P
AFE4405 Ultra-Small, Integrated AFE with FIFO for Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE4900 TI1-AFE4900 Datasheet
685Kb / 10P
Ultra-Low Power, Integrated AFE for Wearable Optical, Electrical Bio-Sensing With FIFO
AFE4420 TI1-AFE4420 Datasheet
150Kb / 9P
Ultra-Small, Integrated AFE with FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE44S30 TI1-AFE44S30 Datasheet
638Kb / 7P
AFE44S30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE4950 TI1-AFE4950 Datasheet
141Kb / 5P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4950 TI-AFE4950_V01 Datasheet
977Kb / 8P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4500 TI-AFE4500 Datasheet
1Mb / 10P
AFE4500 Ultra-Small, Integrated AFE for Bio-Impedance Analysis, Electrical Biosensing and Optical Bio-sensing
AFE4950 TI-AFE4950_V02 Datasheet
1Mb / 11P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4432 TI-AFE4432 Datasheet
714Kb / 11P
AFE4432 Ultra-Small, Integrated AFE for Optical Bio-Sensing
AUGUST 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com