Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ79652PAPRQ1 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
BQ79652PAPRQ1 Datasheet PDF - Texas Instruments
Part # BQ79652PAPRQ1
Download  BQ79652PAPRQ1 Download
File Size   1114.95 Kbytes
Page   13 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description BQ79656-Q1, BQ79654-Q1, BQ79652-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector with Integrated Current Sense

BQ79652PAPRQ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ79652PAPRQ1 Datasheet PDF - Texas Instruments

Part # BQ79652PAPRQ1
Download  BQ79652PAPRQ1 Click to download

File Size   1114.95 Kbytes
Page   13 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description BQ79656-Q1, BQ79654-Q1, BQ79652-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector with Integrated Current Sense

BQ79652PAPRQ1 Datasheet (HTML) - Texas Instruments


BQ79652PAPRQ1 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 Qualified with the following results:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature range
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Functional Safety-Compliant
– Developed for functional safety applications
– Documentation to aid ISO 26262 system design
– Systematic capability up to ASIL D
– Hardware capability up to ASIL D
• +/- 1.5mV ADC accuracy
• Pin-package and software compatible device
family:
– Stackable monitor 16S (BQ79616-Q1,
BQ79656-Q1), 14S (BQ79614-Q1, BQ79654-
Q1), and 12S (BQ79612-Q1, BQ79652-Q1)
– Standalone monitor 48 V system (BQ75614-
Q1)
• Supports current-sense measurement
• Built-in redundancy path for voltage and
temperature and current diagnostics
• Highly accurate cell voltage measurements within
128 μs for all cell channels
• Integrated post-ADC configurable digital low-pass
filters
• Supports bus bar connection and measurement
• Built-in host-controlled hardware reset to emulate
POR-like device reset
• Supports internal cell balancing
– Balancing current at 240 mA
– Built-in balancing thermal management with
automatic pause and resume control
• Isolated differential daisy chain communication
with optional ring architecture
• Embedded fault signal and heartbeat through
communication line
• 5 V LDO output to power external digital isolator
• UART/SPI host interface/communication bridge
device BQ79600-Q1
• Built-in SPI master

2 Applications
• Battery Management System (BMS) in hybrid and
electric powertrain systems
• Energy storage battery packs with Battery
Management Systems
• E-bikes, E-Scooters

3 Description
The BQ7965x-Q1 family of devices provides highaccuracy
cell voltage measurements for a minimum
of 6S to a maximum of 12S (BQ79652-Q1),
14S (BQ79654-Q1), or 16S (BQ79656-Q1) battery
modules in less than 200 μs while these devices also
support shunt-resistor current sense measurement.
The integrated front-end filters enable the system to
implement with simple, low voltage raring, differential
RC filters on the cell input channels. The integrated,
post-ADC, low-pass filters enable filtered, DC-like,
voltage measurements. This family of devices also
supports integrated current sensing capabilities with
option to synchronize with cell voltage measurements
for better state of charge (SOC) calculation. The
device supports autonomous internal cell balancing
with temperature monitoring to auto-pause and
resume balancing to avoid an overtemperature
condition.




Similar Part No. - BQ79652PAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ79652-Q1 TI-BQ79652-Q1 Datasheet
1Mb / 11P
BQ79656-Q1, BQ79654-Q1, BQ79652-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector with Integrated Current Sense
More results


Similar Description - BQ79652PAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ79612-Q1 TI1-BQ79612-Q1 Datasheet
94Kb / 5P
BQ7961x-Q1 Family of 12S, 14S, 16S Precision Automotive Battery Monitor, Balancer and Integrated Hardware Protector with up to SafeTITM-26262 ASIL-D Compliance
BQ75614-Q1 TI1-BQ75614-Q1 Datasheet
74Kb / 4P
BQ75614-Q1 14S or 16S Standalone Precision Automotive Battery Monitor, Balancer and Integrated Current Sense with up to SafeTITM-26262 ASIL-D ASIL-D Compliance
BQ75614-Q1 TI1-BQ75614-Q1_V01 Datasheet
130Kb / 5P
BQ75614-Q1 14S or 16S Standalone Precision Automotive Battery Monitor, Balancer and Integrated Current Sense with up to SafeTITM-26262 ASIL-D ASIL-D Compliance
BQ79616-Q1 TI-BQ79616-Q1 Datasheet
1Mb / 13P
BQ79616-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
BQ79656-Q1 TI-BQ79656-Q1 Datasheet
1Mb / 11P
BQ79656-Q1, BQ79654-Q1, BQ79652-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector with Integrated Current Sense
BQ79612-Q1 TI-BQ79612-Q1_V01 Datasheet
1Mb / 13P
BQ79616-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
BQ75614-Q1 TI-BQ75614-Q1_V02 Datasheet
1Mb / 13P
BQ75614-Q1 14S or 16S Standalone Precision Automotive Battery Monitor, Balancer and Integrated Current Sense
BQ756506-Q1 TI-BQ756506-Q1 Datasheet
1Mb / 12P
BQ756506-Q1 4S or 6S Standalone Precision Automotive Battery Monitor, Balancer, and Integrated Current Sense
JUNE 2022
BQ79718-Q1 TI-BQ79718-Q1 Datasheet
1Mb / 11P
BQ79718-Q1 Functional Safety-Compliant Automotive 18S Battery Monitor
DECEMBER 2022
BQ79616-Q1 TI1-BQ79616-Q1_V01 Datasheet
5Mb / 223P
BQ79616-Q1, BQ79616H-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
REVISED NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com