Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCHP Datasheet (PDF) - Vishay Siliconix

FCHP Datasheet PDF - Vishay Siliconix
Part # FCHP
Download  FCHP Download
File Size   127.45 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Frequency 60 GHz High Power 1 W Thin Film Surface Mount Chip Resistor

FCHP Datasheet (PDF)

Go To PDF Page Download Datasheet
FCHP Datasheet PDF - Vishay Siliconix

Part # FCHP
Download  FCHP Click to download

File Size   127.45 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Frequency 60 GHz High Power 1 W Thin Film Surface Mount Chip Resistor

FCHP Datasheet (HTML) - Vishay Siliconix


FCHP Product details

FEATURES
• Thin film microwave resistors
• Operating frequency to 60 GHz
• Small standard case size (0402)
• High power (1 W)
• Small internal reactance (< 10 m)
• Edge sense trimmed block resistors
• High thermal conductivity aluminum nitride
substrate
• Ohmic range (50  and 100 )
• Low TCR (down to ± 25 ppm/°C)
• Epoxy bondable, wire bondable, and solderable
termination styles
• Modelithics® library available
• Flame retardant per AEC-Q200-001
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details

APPLICATIONS
• 5G base stations and small cells
• RF and microwave test systems
• Connected car
• Internet of things (IoT)




Similar Part No. - FCHP

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCH023N65S3 ISC-FCH023N65S3 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FCH023N65S3L4 ONSEMI-FCH023N65S3L4 Datasheet
448Kb / 9P
MOSFET – Power, N-Channel, SUPERFET III, Easy Drive 650 V, 75 A, 23 mΩ
August, 2019 - Rev. 4
FCH029N65S3 ONSEMI-FCH029N65S3 Datasheet
283Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 75 A, 29 m
June, 2020 ??Rev. 0
FCH029N65S3-F155 ONSEMI-FCH029N65S3-F155 Datasheet
283Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 75 A, 29 m
June, 2020 ??Rev. 0
FCH040N65S3 ONSEMI-FCH040N65S3 Datasheet
927Kb / 10P
N-Channel SuperFET MOSFET
January, 2017, Rev. 1.0
More results


Similar Description - FCHP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PHP VISHAY-PHP Datasheet
132Kb / 4P
High Power Thin Film Wraparound Chip Resistor
24-Feb-11
BFC233824104 VISHAY-BFC233824104 Datasheet
115Kb / 5P
High Frequency (up to 20 GHz) Resistor, Thin Film Surface Mount Chip
26-Jun-12
P1206E3322BBT VISHAY-P1206E3322BBT Datasheet
94Kb / 3P
Commercial Thin Film Resistor, Surface Mount Chip
27-Jun-13
PTN1206E3321BST1 VISHAY-PTN1206E3321BST1 Datasheet
93Kb / 4P
Commercial Thin Film Chip Resistor, Surface Mount Chip
07-Mar-12
PTN0805E1001BBT1 VISHAY-PTN0805E1001BBT1 Datasheet
93Kb / 4P
Commercial Thin Film Chip Resistor, Surface Mount Chip
07-Mar-12
CH0603-250RJF VISHAY-CH0603-250RJF Datasheet
144Kb / 11P
High Frequency 50 GHz Thin Film Chip Resistor
28-Aug-13
FC VISHAY-FC Datasheet
99Kb / 5P
High Frequency (up to 20 GHz) Resistor, Thin Film Surface Mount Chip
07-Aug-14
PHP VISHAY-PHP_15 Datasheet
135Kb / 5P
High Power Thin Film Wraparound Chip Resistor
07-Aug-14
PNS VISHAY-PNS Datasheet
93Kb / 3P
Commercial Thin Film Resistor, Surface Mount Chip
07-Aug-14
PTN VISHAY-PTN Datasheet
91Kb / 4P
Commercial Thin Film Chip Resistor,Surface Mount Chip
24-Aug-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com