Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWH160R02VT Datasheet (PDF) - Xian Semipower Electronic Technology Co., Ltd.

SWH160R02VT Datasheet PDF - Xian Semipower Electronic Technology Co., Ltd.
Part # SWH160R02VT
Download  SWH160R02VT Download
File Size   760.7 Kbytes
Page   6 Pages
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.
Description N-channel Enhanced mode DFN3*3 MOSFET

SWH160R02VT Datasheet (PDF)

Go To PDF Page Download Datasheet
SWH160R02VT Datasheet PDF - Xian Semipower Electronic Technology Co., Ltd.

Part # SWH160R02VT
Download  SWH160R02VT Click to download

File Size   760.7 Kbytes
Page   6 Pages
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.
Description N-channel Enhanced mode DFN3*3 MOSFET

SWH160R02VT Datasheet (HTML) - Xian Semipower Electronic Technology Co., Ltd.


SWH160R02VT Product details

Features

High ruggedness

Low RDS(ON) (Typ 12.3mΩ)@VGS=2.5V (Typ 9.4mΩ)@VGS=4.5V

Low Gate Charge (Typ 15.4nC)

Improved dv/dt Capability

100% Avalanche Tested

Application:DC-DC Converter, Inverter, Synchronous Rectification

General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.




Similar Part No. - SWH160R02VT

ManufacturerPart #DatasheetDescription
logo
CUI INC
SWH15-12-E CUI-SWH15-12-E Datasheet
535Kb / 5P
AC-DC POWER SUPPLY
11/23/2021
SWH15-12-N CUI-SWH15-12-N Datasheet
710Kb / 5P
AC-DC POWER SUPPLY
11/18/2021
SWH15-24-E CUI-SWH15-24-E Datasheet
535Kb / 5P
AC-DC POWER SUPPLY
11/23/2021
SWH15-24-N CUI-SWH15-24-N Datasheet
710Kb / 5P
AC-DC POWER SUPPLY
11/18/2021
SWH15-5-E CUI-SWH15-5-E Datasheet
535Kb / 5P
AC-DC POWER SUPPLY
11/23/2021
More results


Similar Description - SWH160R02VT

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW10N70D SEMIPOWER-SW10N70D Datasheet
659Kb / 6P
N-channel Enhanced mode TO-262 MOSFET
SW15P02 SEMIPOWER-SW15P02 Datasheet
1Mb / 7P
P-channel Enhanced mode TO-251/TO-252/DFN3*3/DFN5*6 MOSFET
SW038R04VT SEMIPOWER-SW038R04VT Datasheet
568Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW045R02VT SEMIPOWER-SW045R02VT Datasheet
658Kb / 6P
N-channel Enhanced mode DFN3*3 MOSFET
SW055R03VT SEMIPOWER-SW055R03VT Datasheet
701Kb / 7P
N-channel Enhanced mode TO-252/TO-251/DFN3*3 MOSFET
SW100R08VS SEMIPOWER-SW100R08VS Datasheet
564Kb / 6P
N-channel Enhanced mode SOP-8 MOSFET
SW110R03VT SEMIPOWER-SW110R03VT Datasheet
732Kb / 6P
N-channel Enhanced mode TO-252/DFN3*3 MOSFET
SW5N65K SEMIPOWER-SW5N65K Datasheet
836Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW18N60D SEMIPOWER-SW18N60D Datasheet
651Kb / 6P
N-channel Enhanced mode TO-220F MOSFET
SW20N03A SEMIPOWER-SW20N03A Datasheet
743Kb / 6P
N-channel Enhanced mode DFN3*3 MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com