Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVTYS010N06CL Datasheet (PDF) - ON Semiconductor

NVTYS010N06CL Datasheet PDF - ON Semiconductor
Part # NVTYS010N06CL
Download  NVTYS010N06CL Download
File Size   340.21 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel 60 V, 9.8 m, 51 A

NVTYS010N06CL Datasheet (PDF)

Go To PDF Page Download Datasheet
NVTYS010N06CL Datasheet PDF - ON Semiconductor

Part # NVTYS010N06CL
Download  NVTYS010N06CL Click to download

File Size   340.21 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel 60 V, 9.8 m, 51 A

NVTYS010N06CL Datasheet (HTML) - ON Semiconductor


NVTYS010N06CL Product details

Features
• Small Footprint (3.3 x 3.3 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low Capacitance to Minimize Driver Losses
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - NVTYS010N06CL

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
NVTYS010N06CL LEIDITECH-NVTYS010N06CL Datasheet
1Mb / 5P
60 N-Channel Enhancement Mode Power MOSFET
Rev : 01.0 8 .2021
More results


Similar Description - NVTYS010N06CL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF51N25YDTU FAIRCHILD-FDPF51N25YDTU Datasheet
518Kb / 11P
N-Channel UniFETTM MOSFET 250 V, 51 A, 60 m廓
logo
ON Semiconductor
NTD5C648NL ONSEMI-NTD5C648NL Datasheet
233Kb / 7P
MOSFET ??Power, Single, N-Channel 60 V, 4.1 m, 91 A
May, 2019??Rev.
NTTFS5C466NL ONSEMI-NTTFS5C466NL Datasheet
184Kb / 6P
MOSFET ??Power, Single, N-Channel 40 V, 7.3 m, 51 A
September, 2019 ??Rev. 4
NVLJWS011N06CL ONSEMI-NVLJWS011N06CL Datasheet
163Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 9 m, 48 A
April, 2022 ??Rev. 1
NVLJWS022N06CL ONSEMI-NVLJWS022N06CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1
NVMTS001N06CL ONSEMI-NVMTS001N06CL Datasheet
401Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 0.81 m, 398.2 A
May, 2021 ??Rev. 2
NVMYS4D6N06C ONSEMI-NVMYS4D6N06C Datasheet
211Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 4.7 m, 92 A
October, 2021 ??Rev. 0
NVMYS7D0N06C ONSEMI-NVMYS7D0N06C Datasheet
214Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 7.0 m, 66 A
October, 2021 - Rev. 0
NVMYS016N06C ONSEMI-NVMYS016N06C Datasheet
208Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 16 m, 33 A
October, 2021 - Rev. 0
NVMYS025N06CL ONSEMI-NVMYS025N06CL Datasheet
339Kb / 7P
MOSFET – Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com