Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1067 Datasheet (PDF) - Alpha Wire

1067 Datasheet PDF - Alpha Wire
Part # 1067
Download  1067 Download
File Size   98.99 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1067 Datasheet (PDF)

Go To PDF Page Download Datasheet
1067 Datasheet PDF - Alpha Wire

Part # 1067
Download  1067 Click to download

File Size   98.99 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1067 Datasheet (HTML) - Alpha Wire


1067 Product details

Construction
Diameters (In)
1) Component 1 7 X 1 COND
a) Conductor 16 (19/.0117) AWG Tinned Copper 0.059
b) Insulation 0.032" Wall, Nom. PVC 0.123
(1) Color Code Alpha Wire Color Code F
Cond Color Cond Color Cond Color
1 BLACK 4 GREEN 7 WHITE/BLACK
2 WHITE 5 ORANGE
3 RED 6 BLUE
2) Cable Assembly 7 Components Cabled
a) Twists: 2.2 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap Clear Mylar Tape, 20% Overlap, Min.
3) Jacket 0.047" Wall, Nom.,PVC 0.468 (0.489 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 1067
RU AWM 2463 VW-1 80C 600V CE ROHS
* = Factory Code

Applicable Specifications
1) UL AWM/STYLE 2463 80°C / 600 VRMS
VW-1
2) CE: EU Low Voltage Directive 2014/35/EU




Similar Part No. - 1067

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1067 SCHURTER-1067 Datasheet
377Kb / 3P
IEC Appliance Inlet C14 or C18 with Voltage Selector and Fuseholder 1- or 2-pole
logo
Alpha Wire
1067 ALPHAWIRE-1067 Datasheet
97Kb / 4P
Customer Specification
11/28/2022
logo
Heyco.
1067 HEYCO-1067 Datasheet
172Kb / 1P
Heyco® Liquid Tight Strain Relief Bushings
logo
Keystone Electronics Co...
1067 KEYSTONE-1067 Datasheet
472Kb / 1P
20mm COIN CELL HOLDERS
31-07 20th
logo
Time Electronics Ltd.
1067 TIME-ELECTRONICS-1067 Datasheet
386Kb / 1P
1067 Resistance Decade Box
11/22
More results


Similar Description - 1067

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com