Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT49107 Datasheet (PDF) - Allegro MicroSystems

AMT49107 Datasheet PDF - Allegro MicroSystems
Part # AMT49107
Download  AMT49107 Download
File Size   2871.83 Kbytes
Page   68 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Automotive Three-Phase MOSFET Driver

AMT49107 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMT49107 Datasheet PDF - Allegro MicroSystems

Part # AMT49107
Download  AMT49107 Click to download

File Size   2871.83 Kbytes
Page   68 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Automotive Three-Phase MOSFET Driver

AMT49107 Datasheet (HTML) - Allegro MicroSystems


AMT49107 Product details

FEATURES AND BENEFITS
• 3-phase bridge MOSFET driver
• Bootstrap gate drive for N-channel MOSFET bridge
• Cross-conduction protection with adjustable dead time
• Charge pump for low supply voltage operation
• Operation at any PWM duty cycle up to and including 100%
• 4.5 to 50 V supply voltage operating range
• Supply for external isolator
• SPI-compatible serial interface
• Bridge control by direct logic inputs or serial interface
• Q&A and ENABLE watchdog
• Extensive programmable diagnostics
• Diagnostic verification
• Safety-assist features
• Automotive AEC-Q100 qualified
• A2-SIL™ product—device features for
safety-critical systems*

DESCRIPTION
The AMT49107 is an N-channel power MOSFET driver
capable of controlling MOSFETs connected in a 3-phase
bridge arrangement and is specifically designed for automotive
applications with high-power inductive loads, such as BLDC
motors.
A unique charge pump regulator provides the supply for
the MOSFET gate drive for battery voltages down to 5.5 V
and allows the AMT49107 to operate with a reduced gate
drive down to 4.5 V. Gate drive strength is programmable
to help reduce EMC issues. A bootstrap capacitor is used
to provide the above-battery supply voltage required for
N-channel MOSFETs with a VCP charge pump facilitating
high side gate drive switching at any PWM duty cycle up to
and including 100%.
Full control is provided over all six power MOSFETs in the
3-phase bridge, allowing motors to be driven with block
commutation or sinusoidal excitation. The power MOSFETs
are protected from shoot-through by integrated crossover
control and optional programmable dead time.
Integrated diagnostics provide indication of multiple internal
faults, system faults, and power bridge faults, and can be
configured to protect the power MOSFETs under most shortcircuit
conditions. For safety-critical systems, the integrated
diagnostic operation can be verified under control of the serial
interface.
The serial interface is provided to alter programmable settings
and read back detailed diagnostic information.
The AMT49107 is supplied in a 48-pin wettable flank QFN
package (suffix EV) with exposed thermal pad. The package
is lead (Pb) free with 100% matte-tin leadframe plating.




Similar Part No. - AMT49107

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
AMT49106 ALLEGRO-AMT49106 Datasheet
2Mb / 74P
Automotive Three-Phase MOSFET Driver
Rev. 6 May 26, 2022
AMT49106KJPTR ALLEGRO-AMT49106KJPTR Datasheet
2Mb / 74P
Automotive Three-Phase MOSFET Driver
Rev. 6 May 26, 2022
More results


Similar Description - AMT49107

ManufacturerPart #DatasheetDescription
logo
Sensitron
SCP-4167 SENSITRON-SCP-4167 Datasheet
74Kb / 4P
Three-Phase MOSFET/IGBT Bridge Driver
SHD830004 SENSITRON-SHD830004 Datasheet
72Kb / 4P
Three-Phase MOSFET/IGBT Bridge Driver
SHD866003 SENSITRON-SHD866003 Datasheet
72Kb / 4P
Three-Phase MOSFET/IGBT Bridge Driver
logo
Texas Instruments
DRV3245-Q1 TI1-DRV3245-Q1 Datasheet
135Kb / 5P
Three-Phase Automotive Gate Driver
DRV8305-Q1 TI1-DRV8305-Q1_16 Datasheet
640Kb / 54P
Three-Phase Automotive Gate Driver
logo
Allegro MicroSystems
A4939 ALLEGRO-A4939 Datasheet
1Mb / 20P
Automotive Three Phase MOSFET Driver
logo
Rohm
BD63035EFV-M ROHM-BD63035EFV-M Datasheet
1Mb / 23P
Automotive Three Phase Brushless Motor Driver
logo
Texas Instruments
DRV10983-Q1 TI1-DRV10983-Q1 Datasheet
1Mb / 72P
Automotive, Three-Phase, Sensorless BLDC Motor Driver
logo
Allegro MicroSystems
AMT49106 ALLEGRO-AMT49106 Datasheet
2Mb / 74P
Automotive Three-Phase MOSFET Driver
Rev. 6 May 26, 2022
logo
Rohm
BD16852EFV-C ROHM-BD16852EFV-C Datasheet
3Mb / 59P
Three-phase Brushless Motor Driver for Automotive
27.Sep.2021 Rev.001
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com