Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP13014EN Datasheet (PDF) - Sharp Corporation

OP13014EN Datasheet PDF - Sharp Corporation
Part # OP13014EN
Download  OP13014EN Download
File Size   344.83 Kbytes
Page   10 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Gap : 5.0mm Slit : 0.5mm Phototransistor Output, Compact Transmissive Photointerrupter with connector

OP13014EN Datasheet (PDF)

Go To PDF Page Download Datasheet
OP13014EN Datasheet PDF - Sharp Corporation

Part # OP13014EN
Download  OP13014EN Click to download

File Size   344.83 Kbytes
Page   10 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Gap : 5.0mm Slit : 0.5mm Phototransistor Output, Compact Transmissive Photointerrupter with connector

OP13014EN Datasheet (HTML) - Sharp Corporation


OP13014EN Product details

■Description
GP1S173LCS2F is a standard, phototransistor output,
transmissive photointerrupter with opposing emitter
and detector in a case, providing non-contact sensing.
For this family of devices, the emitter and detector are
inserted in a case, and a 3-pin connector is included to
allow remote-mount or off-board designs.

■Features
1. Transmissive with phototransistor output
2. Highlights :
・Special position hooks compatible with 3 different
Plate thicknesses (1.0, 1.2, 1.6mm)
・Snap insertion
3. Key Parameters :
・Gap Width : 5mm
・Slit Width (detector side) : 0.5mm
・Package : 17 × 12.8 × 8mm (without connector
and hooks)
・Connector : Tyco Electronics JAPAN G.K.
(173977-3 and 179228-3)
4. RoHS directive compliant

■Applications
1. General purpose detection of object presence or
motion.
Example : PPC, FAX, Printer




Similar Part No. - OP13014EN

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP130 OPTEK-OP130 Datasheet
298Kb / 2P
GaAs Hermetic Infrared Emitting Diodes Types
OP130 OPTEK-OP130 Datasheet
264Kb / 4P
Hermetic Infrared Emitting Diode
OP130 OPTEK-OP130 Datasheet
234Kb / 4P
Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP130 TTELEC-OP130 Datasheet
900Kb / 4P
Hermetic Infrared Diode
logo
OPTEK Technologies
OP130W OPTEK-OP130W Datasheet
195Kb / 1P
GaAs Hermetic Infrared Emitting Diodes
More results


Similar Description - OP13014EN

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S94J0000F SHARP-GP1S94J0000F Datasheet
142Kb / 10P
Gap : 3.5mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S51VJ000F SHARP-GP1S51VJ000F Datasheet
157Kb / 12P
Gap : 3mm Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
GP1S53VJ000F SHARP-GP1S53VJ000F Datasheet
155Kb / 12P
Gap : 5mm, Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
GP1S58VJ000F SHARP-GP1S58VJ000F Datasheet
178Kb / 12P
Gap : 5mm, Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
GP1S59J0000F SHARP-GP1S59J0000F Datasheet
160Kb / 12P
Gap : 4.2mm, Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
GP1S93J0000F SHARP-GP1S93J0000F Datasheet
141Kb / 10P
Gap : 2mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S093HCZ0F SHARP-GP1S093HCZ0F Datasheet
136Kb / 9P
Gap : 2mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S094HCZ0F SHARP-GP1S094HCZ0F Datasheet
137Kb / 9P
Gap : 3mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S95J0000F SHARP-GP1S95J0000F Datasheet
138Kb / 10P
Gap : 1.6mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S97J0000F SHARP-GP1S97J0000F Datasheet
139Kb / 10P
Gap : 2.2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com