Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1085 Datasheet (PDF) - Alpha Wire

1085 Datasheet PDF - Alpha Wire
Part # 1085
Download  1085 Download
File Size   99.55 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1085 Datasheet (PDF)

Go To PDF Page Download Datasheet
1085 Datasheet PDF - Alpha Wire

Part # 1085
Download  1085 Click to download

File Size   99.55 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1085 Datasheet (HTML) - Alpha Wire


1085 Product details

Construction
Diameters (In)
1) Component 1 25 X 1 COND
a) Conductor 16 (19/.0117) AWG Tinned Copper 0.059
b) Insulation 0.032" Wall, Nom. PVC 0.123
(1) Color Code Alpha Wire Color Code F
Cond Color Cond Color Cond Color
1 BLACK 10 ORANGE/BLACK 19 BLUE/RED
2 WHITE 11 BLUE/BLACK 20 RED/GREEN
3 RED 12 BLACK/WHITE 21
ORANGE/GREEN
4 GREEN 13 RED/WHITE 22
BLACK/WHITE/R
ED
5 ORANGE 14 GREEN/WHITE 23
WHITE/BLACK/R
ED
6 BLUE 15 BLUE/WHITE 24
RED/BLACK/WHI
TE
7 WHITE/BLACK 16 BLACK/RED 25
GREEN/BLACK/
WHITE
8 RED/BLACK 17 WHITE/RED
9 GREEN/BLACK 18 ORANGE/RED
2) Cable Assembly 25 Components Cabled
a) Twists: 1.1 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap Clear Mylar Tape, 20% Overlap, Min.
3) Jacket 0.083" Wall, Nom.,PVC 0.907 (0.946 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 1085
RU AWM 2463 VW-1 80C 600V CE ROHS
* = Factory Code


Applicable Specifications
1) UL AWM/STYLE 2463 80°C / 600 VRMS
VW-1
2) CE: EU Low Voltage Directive 2014/35/EU




Similar Part No. - 1085

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1085 ALPHAWIRE-1085 Datasheet
98Kb / 4P
Customer Specification
11/30/2022
logo
Videk Ltd
1085 VIDEK-1085 Datasheet
121Kb / 2P
Bi-Directional IEEE 1284 Parallel Cables
1085-10 VIDEK-1085-10 Datasheet
121Kb / 2P
Bi-Directional IEEE 1284 Parallel Cables
1085-2 VIDEK-1085-2 Datasheet
121Kb / 2P
Bi-Directional IEEE 1284 Parallel Cables
1085-3 VIDEK-1085-3 Datasheet
121Kb / 2P
Bi-Directional IEEE 1284 Parallel Cables
More results


Similar Description - 1085

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com