Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-7211W Datasheet (PDF) - Advantech Co., Ltd.

FPM-7211W Datasheet PDF - Advantech Co., Ltd.
Part # FPM-7211W
Download  FPM-7211W Download
File Size   475.97 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 21.5 Full HD Industrial Monitor with PCAP Touch Control, Direct VGA, and DVI Ports

FPM-7211W Datasheet (PDF)

Go To PDF Page Download Datasheet
FPM-7211W Datasheet PDF - Advantech Co., Ltd.

Part # FPM-7211W
Download  FPM-7211W Click to download

File Size   475.97 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 21.5 Full HD Industrial Monitor with PCAP Touch Control, Direct VGA, and DVI Ports

FPM-7211W Datasheet (HTML) - Advantech Co., Ltd.


FPM-7211W Product details

Features
ƒ 21.5" Full HD TFT LED LCD
ƒ 16:9 widescreen aspect ratio, increases viewing area by 40%
ƒ Supports 10-point multi-touch control via USB interface in Windows 7/8/
OS
ƒ Slim design enables easy installation
ƒ Supports various mount options: panel, wall, desktop, and VESA arm
ƒ Touchscreen with reliable glass surface and PCAP touch control
ƒ Robust system with SECC chassis and IP66-rated magnesium alloy front
panel
ƒ OSD control buttons on rear panel
ƒ Lockable I/O connectors




Similar Part No. - FPM-7211W

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-7211W-P3AE ADVANTECH-FPM-7211W-P3AE Datasheet
471Kb / 2P
21.5" Full HD Industrial Monitor with PCT Touch, Direct-VGA and DVI Ports
FPM-7211W-P3AE ADVANTECH-FPM-7211W-P3AE Datasheet
745Kb / 2P
Most Ruggedized Industrial Displays - FPM
FPM-7211W ADVANTECH-FPM-7211W_15 Datasheet
471Kb / 2P
21.5" Full HD Industrial Monitor with PCT Touch, Direct-VGA and DVI Ports
More results


Similar Description - FPM-7211W

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-7151W ADVANTECH-FPM-7151W_15 Datasheet
435Kb / 2P
15.6" WXGA Industrial Monitor with PCT Touch, Direct-VGA/DVI ports
FPM-7181W ADVANTECH-FPM-7181W_15 Datasheet
382Kb / 2P
18.5" WXGA Industrial Monitor with PCT Touch, Direct-VGA and DVI Ports
FPM-7211W ADVANTECH-FPM-7211W_15 Datasheet
471Kb / 2P
21.5" Full HD Industrial Monitor with PCT Touch, Direct-VGA and DVI Ports
FPM-3191G ADVANTECH-FPM-3191G_V01 Datasheet
342Kb / 2P
9U Rackmount, 19 SXGA Industrial Monitor with Resistive Touch Control, Direct VGA, and DVI Ports
8-Sep-2020
FPM-7181W ADVANTECH-FPM-7181W_V01 Datasheet
475Kb / 2P
18.5 WXGA Industrial Monitor with PCAP Touch Control, Direct VGA, and DVI Ports
27-Jun-2018
FPM-221W ADVANTECH-FPM-221W Datasheet
426Kb / 2P
21.5 Full HD Industrial Monitor with P-CAP Touch Control, Direct HDMI Port
28-Jun-2021
FPM-221W ADVANTECH-FPM-221W_V01 Datasheet
438Kb / 2P
21.5 Full HD Industrial Monitor with P-CAP Touch Control, Direct HDMI Port
14-Jan-2022
FPM-3121G ADVANTECH-FPM-3121G Datasheet
379Kb / 2P
12.1 XGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and Wide Operating Temperature
18-Feb-2022
FPM-3151G ADVANTECH-FPM-3151G Datasheet
452Kb / 2P
15 XGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and Wide Operating Temperature
27-Jun-2018
FPM-7151W ADVANTECH-FPM-7151W Datasheet
427Kb / 2P
15.6 WXGA Industrial Monitor with PCAP Touch Control, Direct VGA, and DVI Ports
14-May-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com