Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDS-3215 Datasheet (PDF) - Advantech Co., Ltd.

IDS-3215 Datasheet PDF - Advantech Co., Ltd.
Part # IDS-3215
Download  IDS-3215 Download
File Size   839.13 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 15 XGA Industrial Panel Mount Monitor

IDS-3215 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDS-3215 Datasheet PDF - Advantech Co., Ltd.

Part # IDS-3215
Download  IDS-3215 Click to download

File Size   839.13 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 15 XGA Industrial Panel Mount Monitor

IDS-3215 Datasheet (HTML) - Advantech Co., Ltd.


IDS-3215 Product details

Features
ƒƒ 15" XGA LCD panel with LED backlight for 20% power saving and
environmental protection
ƒƒ -20° ~ +60° C wide range operating temperature
ƒƒ 5-wire resistive and P-cap touchscreen solution or tempered smudge
resistant protected glass
ƒƒ Combo touch interface: RS-232 and USB
ƒƒ Dual signal interface with VGA & DVI
ƒƒ Standard integrated frame
ƒƒ Versatile mounting methods for rear mounting and VESA mounting
ƒƒ Anti-Reflective treatment (optional)
ƒƒ Ultra high brightness solution of 1200 cd/m2 for outdoor applications
(optional)




Similar Part No. - IDS-3215

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDS-3215 ADVANTECH-IDS-3215 Datasheet
724Kb / 2P
15' XGA Industrial Panel Mount Monitor
IDS-3215E ADVANTECH-IDS-3215E Datasheet
724Kb / 2P
15' XGA Industrial Panel Mount Monitor
IDS-3215EG-25XGA1E ADVANTECH-IDS-3215EG-25XGA1E Datasheet
394Kb / 2P
15" XGA Industrial Panel Mount Monitor
IDS-3215EG-25XGA1E ADVANTECH-IDS-3215EG-25XGA1E Datasheet
724Kb / 2P
15' XGA Industrial Panel Mount Monitor
IDS-3215ER-25XGA1E ADVANTECH-IDS-3215ER-25XGA1E Datasheet
394Kb / 2P
15" XGA Industrial Panel Mount Monitor
More results


Similar Description - IDS-3215

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDS-3115 ADVANTECH-IDS-3115 Datasheet
362Kb / 2P
15" XGA Industrial Open Frame Monitor
IDS-3115 ADVANTECH-IDS-3115_14 Datasheet
472Kb / 2P
15" XGA Industrial Open Frame Monitor
IDS-3212 ADVANTECH-IDS-3212_14 Datasheet
1Mb / 2P
12" SVGA / XGA Industrial Panel Mount Monitor
IDS-3215 ADVANTECH-IDS-3215_14 Datasheet
394Kb / 2P
15" XGA Industrial Panel Mount Monitor
logo
Axiomtek Co., Ltd.
P6151PG-24VDC AXIOMTEK-P6151PG-24VDC Datasheet
292Kb / 3P
15 XGA TFT Industrial Touchscreen Monitor
P6151PR-24VDC-RS AXIOMTEK-P6151PR-24VDC-RS Datasheet
292Kb / 3P
15 XGA TFT Industrial Touchscreen Monitor
P6153LPR-AC-U AXIOMTEK-P6153LPR-AC-U Datasheet
322Kb / 3P
15 XGA TFT Industrial LCD Monitor
logo
Advantech Co., Ltd.
IDS-3212 ADVANTECH-IDS-3212 Datasheet
512Kb / 2P
12' SVGA / XGA Industrial Panel Mount Monitor
IDS-3215 ADVANTECH-IDS-3215 Datasheet
724Kb / 2P
15' XGA Industrial Panel Mount Monitor
IDS-3115 ADVANTECH-IDS-3115_V01 Datasheet
782Kb / 2P
15 XGA Industrial Open Frame Monitor
24-Jul-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com