Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-06E Datasheet (PDF) - Advantech Co., Ltd.

RAM-MOUNT-06E Datasheet PDF - Advantech Co., Ltd.
Part # RAM-MOUNT-06E
Download  RAM-MOUNT-06E Download
File Size   1954.89 Kbytes
Page   5 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 10 Industrial Tablet with 4th Generation Intel® Core™ i Processor

RAM-MOUNT-06E Datasheet (PDF)

Go To PDF Page Download Datasheet
RAM-MOUNT-06E Datasheet PDF - Advantech Co., Ltd.

Part # RAM-MOUNT-06E
Download  RAM-MOUNT-06E Click to download

File Size   1954.89 Kbytes
Page   5 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 10 Industrial Tablet with 4th Generation Intel® Core™ i Processor

RAM-MOUNT-06E Datasheet (HTML) - Advantech Co., Ltd.


RAM-MOUNT-06E Product details

Features
ƒƒ MIL-STD-810G and IP65 certified, can withstand drops of up to 4ft.
ƒƒ 10.1" HD high-brightness, multi-touch, Gorilla Glass panel with digitizer
ƒƒ 4th generation Intel® Core™ i processor supports Windows 8
ƒƒ Built-in 4G LTE, WLAN (802.11 a/b/g/n/ac), BT4.0, and GPS modules with
Beidou/GLONASS support
ƒƒ Hot-swappable battery provides up to 11 hours operation(*1)
ƒƒ Built-in dual cameras, 1D/2D barcode scanner, and NFC RFID
ƒƒ Rich peripherals with vehicle docking station, desk docking station, and
extension module support




Similar Part No. - RAM-MOUNT-06E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RAM-MOUNT-06E ADVANTECH-RAM-MOUNT-06E Datasheet
683Kb / 2P
7 Mobile Data Terminal with Intel Atom Z510PT/Z520PT
RAM-MOUNT-06E ADVANTECH-RAM-MOUNT-06E Datasheet
683Kb / 2P
7" Mobile Data Terminal with Intel Atom
RAM-MOUNT-06E ADVANTECH-RAM-MOUNT-06E Datasheet
1Mb / 5P
10" Industrial Tablet with 4th Generation Intel Core i Processor
RAM-MOUNT-06E ADVANTECH-RAM-MOUNT-06E Datasheet
1Mb / 2P
Application Ready Platform (ARP) for In-vehicle Applications
6-Jan-2016
RAM-MOUNT-06E ADVANTECH-RAM-MOUNT-06E Datasheet
2Mb / 8P
10" Industrial-Grade Tablet with 7th Generation Intel® Core™ i3/i5/i7/ Celeron® Processor
17-Oct-2022
More results


Similar Description - RAM-MOUNT-06E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PWS-870-3S6W0E000E ADVANTECH-PWS-870-3S6W0E000E Datasheet
938Kb / 2P
10" Fully Rugged Tablet with 4th Generation Intel짰 Core??i Processor
PWS-870 ADVANTECH-PWS-870 Datasheet
1Mb / 5P
10" Industrial Tablet with 4th Generation Intel Core i Processor
logo
GSR Technology Ltd
HU968 GSR-HU968 Datasheet
405Kb / 2P
4th generation Intel® Core™ processors, BGA 1168
logo
Advantech Co., Ltd.
MIC-6314 ADVANTECH-MIC-6314 Datasheet
938Kb / 2P
OpenVPX CPU Blade with 4th/ 5th Generation Intel® Core™ Processor
21-Jun-2017
logo
AAEON Technology
NANOCOM-TGU AAEON-NANOCOM-TGU Datasheet
416Kb / 2P
COM Express Type 10 with 11th Generation Intel® Core™ Processor
2022/12/05
logo
Advantech Co., Ltd.
AIM-68 ADVANTECH-AIM-68 Datasheet
1Mb / 7P
10.1" Industrial Tablet with Intel® Atom™ Processor
15-May-2018
AIM-89H ADVANTECH-AIM-89H Datasheet
1Mb / 6P
13.3" Medical-Grade Tablet with Intel® Core™ i5 processor
28-Apr-2023
AIM-65 ADVANTECH-AIM-65_V01 Datasheet
1Mb / 6P
8" Industrial-Grade Tablet with Intel® Atom™ Processor
16-May-2019
AIM-68 ADVANTECH-AIM-68_V01 Datasheet
1Mb / 7P
10.1" Industrial Tablet with Intel® Atom™ Processor
16-May-2019
PWS-872 ADVANTECH-PWS-872 Datasheet
2Mb / 8P
10" Industrial-Grade Tablet with 7th Generation Intel® Core™ i3/i5/i7/ Celeron® Processor
17-Oct-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com