Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1075 Datasheet (PDF) - Alpha Wire

1075 Datasheet PDF - Alpha Wire
Part # 1075
Download  1075 Download
File Size   99.12 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1075 Datasheet (PDF)

Go To PDF Page Download Datasheet
1075 Datasheet PDF - Alpha Wire

Part # 1075
Download  1075 Click to download

File Size   99.12 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1075 Datasheet (HTML) - Alpha Wire


1075 Product details

Construction
Diameters (In)
1) Component 1 15 X 1 COND
a) Conductor 16 (19/.0117) AWG Tinned Copper 0.059
b) Insulation 0.032" Wall, Nom. PVC 0.123
(1) Color Code Alpha Wire Color Code F
Cond Color Cond Color Cond Color
1 BLACK 6 BLUE 11 BLUE/BLACK
2 WHITE 7 WHITE/BLACK 12 BLACK/WHITE
3 RED 8 RED/BLACK 13 RED/WHITE
4 GREEN 9 GREEN/BLACK 14 GREEN/WHITE
5 ORANGE 10 ORANGE/BLACK 15 BLUE/WHITE
2) Cable Assembly 15 Components Cabled
a) Twists: 1.5 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap Clear Mylar Tape, 20% Overlap, Min.
3) Jacket 0.063" Wall, Nom.,PVC 0.694 (0.725 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 1075
RU AWM 2463 VW-1 80C 600V CE ROHS
* = Factory Code

Applicable Specifications
1) UL AWM/STYLE 2463 80°C / 600 VRMS
VW-1
2) CE: EU Low Voltage Directive 2014/35/EU




Similar Part No. - 1075

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1075 3M-1075 Datasheet
336Kb / 4P
ScotchPad??Premium Hang Tabs
logo
Alpha Wire
1075 ALPHAWIRE-1075 Datasheet
97Kb / 4P
Customer Specification
11/30/2022
logo
Abbatron All Rights Res...
1075 ABBATRON-1075 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Winchester Electronics ...
1075-1 WINCHESTER-1075-1 Datasheet
50Kb / 1P
PLUG, K-LOC
1075-1 WINCHESTER-1075-1 Datasheet
232Kb / 1P
PLUG, K -LOC
More results


Similar Description - 1075

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com