Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

49FCT3805 Datasheet (PDF) - Renesas Technology Corp

49FCT3805 Datasheet PDF - Renesas Technology Corp
Part # 49FCT3805
Download  49FCT3805 Download
File Size   473.0 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 3.3V 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM

49FCT3805 Datasheet (PDF)

Go To PDF Page Download Datasheet
49FCT3805 Datasheet PDF - Renesas Technology Corp

Part # 49FCT3805
Download  49FCT3805 Click to download

File Size   473.0 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 3.3V 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM

49FCT3805 Datasheet (HTML) - Renesas Technology Corp


49FCT3805 Product details

Features:
◆ True Dual-Ported memory cells which allow simultaneous
access of the same memory location
◆ High-speed clock to data access
– Commercial: 7.5/9ns (max.)
– Industrial: 7.5ns (max.)
◆ Low-power operation
– IDT70V9279/69L
Active: 429mW (typ.)
Standby: 1.32mW (typ.)
◆ Flow-through or Pipelined output mode on either port via
the FT/PIPE pin
◆ Counter enable and reset features
◆ Dual chip enables allow for depth expansion without
additional logic

◆ Full synchronous operation on both ports
– 4ns setup to clock and 1ns hold on all control, data,
and address inputs
– Data input, address, and control registers
– Fast 6.5ns clock to data out in the Pipelined output mode
– Self-timed write allows fast cycle time
– 10ns cycle time, 100MHz operation in Pipelined output mode
◆ Separate upper-byte and lower-byte controls for
multiplexed bus and bus matching compatibility
◆ LVTTL- compatible, single 3.3V (±0.3V) power supply
◆ Industrial temperature range (–40°C to +85°C) is
available for selected speeds
◆ Available in a 128-pin Thin Quad Flatpack (TQFP) package
◆ Green parts available, see ordering information




Similar Part No. - 49FCT3805

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
49FCT3805 RENESAS-49FCT3805 Datasheet
394Kb / 20P
HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
49FCT3805BPYG RENESAS-49FCT3805BPYG Datasheet
229Kb / 8P
3.3V CMOS BUFFER/CLOCK DRIVER
MAY 2010
49FCT3805BPYGI RENESAS-49FCT3805BPYGI Datasheet
229Kb / 8P
3.3V CMOS BUFFER/CLOCK DRIVER
MAY 2010
49FCT3805BQG RENESAS-49FCT3805BQG Datasheet
229Kb / 8P
3.3V CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
49FCT3805BQG8 IDT-49FCT3805BQG8 Datasheet
73Kb / 7P
3.3V CMOS BUFFER/CLOCK DRIVER
More results


Similar Description - 49FCT3805

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9269 IDT-IDT70V9269 Datasheet
190Kb / 15P
HIGH-SPEED 3.3V 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT709279 IDT-IDT709279 Datasheet
314Kb / 18P
HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT709279 IDT-IDT709279_15 Datasheet
698Kb / 17P
HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_17 Datasheet
190Kb / 17P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT709279 IDT-IDT709279_18 Datasheet
222Kb / 17P
HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
709279 RENESAS-709279 Datasheet
339Kb / 18P
HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
FEBRUARY 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com