Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

113 Datasheet (PDF) - Alpha Wire

113 Datasheet PDF - Alpha Wire
Part # 113
Download  113 Download
File Size   100.45 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

113 Datasheet (PDF)

Go To PDF Page Download Datasheet
113 Datasheet PDF - Alpha Wire

Part # 113
Download  113 Click to download

File Size   100.45 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

113 Datasheet (HTML) - Alpha Wire


113 Product details

Construction
Diameters (In)
1) Component 1 3 X 1 COND
a) Conductor 16 (65/34) AWG Bare Copper 0.059
b) Insulation
0.016" Wall, Nom. PVC/ 0.005" Wall
NYLON
0.101
(1) Color(s)
Cond Color Cond Color Cond Color
1 BLACK 2 WHITE 3
GREEN/YELLOW
2) Cable Assembly 3 Components Cabled
a) Twists: 3.7 Twists/foot (min)
b) Orientation:
Components to be arranged from
OUTSIDE LAYER to INSIDE LAYER
3) Jacket
0.050" Wall, Nom.,TPE 0.324+/- 0.018 a) Color(s)
YELLOW b) Jacket Separator
Tissue Tape, 25% Overlap, Min. c) Print

Applicable Specifications
1) UL
a) Component 1 MTW 90°C Dry / 60°C Wet / 600 VRMS
b) Overall TC 90°C Dry / 75°C Wet / 600 VRMS
EXPOSED RUN
SUN RES
OIL RES I/II
2) CSA International C(UL) CIC CONTROL 90°C Dry / 75°C Wet / 600 VRMS
C(UL) TC 90°C Dry / 75°C Wet / 600 VRMS
C(UL) FT4
3) CE: EU Low Voltage Directive 2014/35/EC




Similar Part No. - 113

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
113 SWITCH-113 Datasheet
94Kb / 5P
1/4 ENCLOSED PHONE JACKS
logo
Aries Electronics, Inc.
113 ARIES-113 Datasheet
782Kb / 2P
Easy Identification and Tracing with 10-color Cable
logo
Alpha Wire
113 ALPHAWIRE-113 Datasheet
99Kb / 4P
Customer Specification
11/30/2022
logo
Oscilent Corporation
113-000308-10 OSCILENT-113-000308-10 Datasheet
140Kb / 3P
32.768 KHz Tuning Fork
113-000308-20 OSCILENT-113-000308-20 Datasheet
140Kb / 3P
32.768 KHz Tuning Fork
More results


Similar Description - 113

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com