Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4354 Datasheet (PDF) - Linear Technology

LTC4354 Datasheet PDF - Linear Technology
Part # LTC4354
Download  LTC4354 Download
File Size   289.25 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Surge Stopper with Ideal Diode

LTC4354 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC4354 Datasheet PDF - Linear Technology

Part # LTC4354
Download  LTC4354 Click to download

File Size   289.25 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Surge Stopper with Ideal Diode

LTC4354 Datasheet (HTML) - Linear Technology


LTC4354 Product details

DESCRIPTION
The LTC®4364 surge stopper with ideal diode controller
protects loads from high voltage transients. It limits and
regulates the output during an overvoltage event, such
as load dump in automobiles, by controlling the voltage
drop across an external N-channel MOSFET pass device.
The LTC4364 also includes a timed, current limited circuit
breaker. In a fault condition, an adjustable fault timer must
expire before the pass device is turned off. The LTC4364-1
latches off the pass device while the LTC4364-2 automatically
restarts after a delay. The LTC4364 precisely monitors
the input supply for overvoltage (OV) and undervoltage
(UV) conditions. The external MOSFET is held off in undervoltage
and auto-retry is disabled in overvoltage.
An integrated ideal diode controller drives a second MOSFET
to replace a Schottky diode for reverse input protection
and output voltage holdup. The LTC4364 controls the
forward voltage drop across the MOSFET and minimizes
reverse current transients upon power source failure,
brownout or input short.

FEATURES
- Wide Operating Voltage Range: 4V to 80V
- Withstands Surges Over 80V with VCC Clamp
- Adjustable Output Clamp Voltage
- Ideal Diode Controller Holds Up Output Voltage During Input Brownouts
- Reverse Input Protection to –40V
- Reverse Output Protection to –20V
- Overcurrent Protection
- Low 10μA Shutdown Current at 12V
- Adjustable Fault Timer
- 0.1% Retry Duty Cycle During Faults (LTC4364-2)
- Available in 4mm × 3mm 14-Lead DFN, 16-Lead MSOP, and 16-Lead SO Packages

APPLICATIONS
- Automotive/Avionic Surge Protection
- Hot Swap/Live Insertion
- Redundant Supply ORing
- Output Port Protection




Similar Part No. - LTC4354

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4354 LINER-LTC4354 Datasheet
127Kb / 12P
Negative Voltage Diode-OR Controller and Monitor
LTC4354 LINER-LTC4354 Datasheet
374Kb / 16P
UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC4354 LINER-LTC4354 Datasheet
291Kb / 24P
High Voltage Surge
LTC4354 LINER-LTC4354 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC4354 LINER-LTC4354 Datasheet
214Kb / 12P
36V, Low Loss Dual PowerPath Controllers for Large PFETs
More results


Similar Description - LTC4354

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4356MP-1 LINER-LT4356MP-1 Datasheet
206Kb / 20P
Surge Stopper
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
Surge Stopper
LT4356-2 LINER-LT4356-2_15 Datasheet
241Kb / 26P
Surge Stopper
LT4356MP-1 LINER-LT4356MP-1_15 Datasheet
235Kb / 24P
Surge Stopper
LT4356MP-2 LINER-LT4356MP-2_15 Datasheet
235Kb / 24P
Surge Stopper
LTC4364-1 LINER-LTC4364-1_15 Datasheet
311Kb / 24P
Surge Stopper with Ideal Diode
LTC4364-2 LINER-LTC4364-2_15 Datasheet
311Kb / 24P
Surge Stopper with Ideal Diode
LTC4364HDE-1 LINER-LTC4364HDE-1 Datasheet
737Kb / 8P
12V Surge Stopper with Ideal Diode
logo
Analog Devices
LT4356-1 AD-LT4356-1 Datasheet
476Kb / 26P
Surge Stopper
01/20-REV.C
logo
Texas Instruments
LM74930-Q1 TI-LM74930-Q1 Datasheet
3Mb / 40P
LM74930-Q1 Automotive Ideal Diode Surge Stopper With Circuit Breaker, Overvoltage Protection, and Fault Output
OCTOBER 2023
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com