Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

115 Datasheet (PDF) - Alpha Wire

115 Datasheet PDF - Alpha Wire
Part # 115
Download  115 Download
File Size   100.52 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specifications

115 Datasheet (PDF)

Go To PDF Page Download Datasheet
115 Datasheet PDF - Alpha Wire

Part # 115
Download  115 Click to download

File Size   100.52 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specifications

115 Datasheet (HTML) - Alpha Wire


115 Product details

Construction
Diameters (In)
1) Component 1 5 X 1 COND
a) Conductor 16 (65/34) AWG Bare Copper 0.059
b) Insulation
0.016" Wall, Nom. PVC/ 0.005" Wall
NYLON
0.101
(1) Color(s)
Cond Color Cond Color Cond Color
1 BLACK 3
GREEN/YELLOW
5 WHITE
2 BLUE 4 BROWN
2) Cable Assembly 5 Components Cabled
a) Twists: 3.0 Twists/foot (min)
b) Orientation:
Components to be arranged from
OUTSIDE LAYER to INSIDE LAYER
3) Jacket
0.050" Wall, Nom.,TPE 0.380+/- 0.021 a) Color(s)
YELLOW b) Jacket Separator
Tissue Tape, 25% Overlap, Min. c) Print

Applicable Specifications
1) UL
a) Component 1 MTW 90°C Dry / 60°C Wet / 600 VRMS
b) Overall TC 90°C Dry / 75°C Wet / 600 VRMS
EXPOSED RUN
SUN RES
OIL RES I/II
2) CSA International C(UL) CIC CONTROL 90°C Dry / 75°C Wet / 600 VRMS
C(UL) TC 90°C Dry / 75°C Wet / 600 VRMS
C(UL) FT4
3) CE: EU Low Voltage Directive 2014/35/EC




Similar Part No. - 115

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
115 CTS-115 Datasheet
1Mb / 4P
Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
logo
Honeywell Solid State E...
115 HONEYWELL-115 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
Aries Electronics, Inc.
115 ARIES-115 Datasheet
300Kb / 1P
Point-to-point Wiring
logo
Fluke Corporation
115 FLUKE-115 Datasheet
1Mb / 2P
Resistance, continuity, frequency, capacitance, and diode test
logo
Alpha Wire
115 ALPHAWIRE-115 Datasheet
99Kb / 4P
Customer Specification
11/30/2022
More results


Similar Description - 115

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-260-18 ALPHAWIRE-FIT-260-18_V01 Datasheet
99Kb / 4P
Customer Specifications
8/30/2022
PIF-130-0 ALPHAWIRE-PIF-130-0 Datasheet
98Kb / 4P
Customer Specifications
8/30/2022
1239 ALPHAWIRE-1239 Datasheet
95Kb / 3P
Customer Specifications
9/8/2022
AF-155-1 ALPHAWIRE-AF-155-1_V01 Datasheet
102Kb / 4P
Customer Specifications
9/8/2022
GRP-130-18 ALPHAWIRE-GRP-130-18_V01 Datasheet
98Kb / 4P
Customer Specifications
9/8/2022
FIT-400-2 ALPHAWIRE-FIT-400-2_V01 Datasheet
98Kb / 4P
Customer SpecificationS
9/14/2022
GRP-110NF18 ALPHAWIRE-GRP-110NF18 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
TFT-200-8 ALPHAWIRE-TFT-200-8 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
2144 ALPHAWIRE-2144 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
TFT-200-6 ALPHAWIRE-TFT-200-6 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com