Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1177L Datasheet (PDF) - Alpha Wire

1177L Datasheet PDF - Alpha Wire
Part # 1177L
Download  1177L Download
File Size   99.31 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1177L Datasheet (PDF)

Go To PDF Page Download Datasheet
1177L Datasheet PDF - Alpha Wire

Part # 1177L
Download  1177L Click to download

File Size   99.31 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1177L Datasheet (HTML) - Alpha Wire


1177L Product details

Construction
Diameters (In)
1) Component 1 7 X 1 COND
a) Conductor 22 (7/30) AWG Tinned Copper 0.030
b) Insulation
0.010" Wall, Nom. Low Smoke Zero
Halogen (LSZH)
0.050
(1) Color Code Alpha Wire Color Code D
Cond Color Cond Color Cond Color
1 BLACK 4 GREEN 7 BROWN
2 RED 5 ORANGE
3 WHITE 6 BLUE
2) Cable Assembly 7 Components Cabled
a) Twists: 5.3 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Jacket
0.025" Wall, Nom.,Low Smoke Zero
Halogen (LSZH)
0.201 (0.213 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 1177L 7C 22 AWG
EXXXXXX 75C (UL) C(UL) TYPE CMG ---
LSZH CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]

Applicable Specifications
1) UL CMG 75°C
2) CSA International FT4
C(UL) TYPE CMG 75°C
3) CE: EU Low Voltage Directive 2014/35/EU




Similar Part No. - 1177L

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1177L ALPHAWIRE-1177L Datasheet
98Kb / 4P
Customer SpecificationS
12/1/2022
1177L ALPHAWIRE-1177L_V01 Datasheet
98Kb / 4P
Customer SpecificationS
12/1/2022
More results


Similar Description - 1177L

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com