Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDX605 Datasheet (PDF) - Sony Corporation

CDX605 Datasheet PDF - Sony Corporation
Part # CDX605
Download  CDX605 Download
File Size   1940.33 Kbytes
Page   34 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description SERVICE MANUAL

CDX605 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDX605 Datasheet PDF - Sony Corporation

Part # CDX605
Download  CDX605 Click to download

File Size   1940.33 Kbytes
Page   34 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description SERVICE MANUAL

CDX605 Datasheet (HTML) - Sony Corporation


CDX605 Product details

SPECIFICATIONS
System Compact disc digital audio system
Frequency response 10 – 20,000 Hz
Wow and flutter Below the measurable limit
Signal-to-noise ratio 94 dB
Outputs BUS control output (8 pins)
Analog audio output (RCA pin)
Current drain 800 mA (during CD playback)
800 mA (during loading or ejecting a disc)
Operating temperature – 10 °C to + 55 °C (14 °F to 131 °F)
Dimensions Approx. 262 ´ 90 ´ 181.5 mm
(103/8 ´ 35/8 ´ 71/4 in.) (w/h/d)
not incl. projecting parts and controls
Mass Approx. 2.1 kg (4 lb 10 oz)
Power requirement 12 V DC car battery
(negative ground)
Supplied accessories Disc magazine (1)
Parts for installation and connections
(1 set)
Design and specifications subject to change without notice.




Similar Part No. - CDX605

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
CDX-0746 ECS-CDX-0746 Datasheet
126Kb / 1P
SMD TUNING FORK CRYSTAL
logo
Sony Corporation
CDX-424RF SONY-CDX-424RF Datasheet
819Kb / 7P
COMPACT DISC CHANGER SYSTEM
logo
List of Unclassifed Man...
CDX-900 ETC2-CDX-900 Datasheet
46Kb / 1P
16 bit over sampling digital filter
CDX-900U ETC2-CDX-900U Datasheet
46Kb / 1P
16 bit over sampling digital filter
logo
Sony Corporation
CDX-GT121 SONY-CDX-GT121 Datasheet
3Mb / 38P
SERVICE MANUAL
Ver. 1.0 2007. 08
More results


Similar Description - CDX605

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
XR-C8220 SONY-XR-C8220 Datasheet
1Mb / 14P
SERVICE MANUAL
logo
NXP Semiconductors
14PT314A PHILIPS-14PT314A Datasheet
1Mb / 16P
Service Manual
08/2001
logo
Sony Corporation
HCD-GRX8 SONY-HCD-GRX8 Datasheet
5Mb / 20P
SERVICE MANUAL
HCD-V818 SONY-HCD-V818 Datasheet
5Mb / 18P
SERVICE MANUAL
STR-K740P SONY-STR-K740P Datasheet
4Mb / 19P
SERVICE MANUAL
CDP-195 SONY-CDP-195 Datasheet
713Kb / 16P
SERVICE MANUAL
logo
Panasonic Semiconductor
TH-32A400H PANASONIC-TH-32A400H Datasheet
6Mb / 67P
Service Manual
2014
logo
Sony Corporation
CDX-GT121 SONY-CDX-GT121 Datasheet
3Mb / 38P
SERVICE MANUAL
Ver. 1.0 2007. 08
FE-1 SONY-FE-1 Datasheet
6Mb / 61P
SERVICE MANUAL
logo
List of Unclassifed Man...
PX-E860 ETC-PX-E860 Datasheet
523Kb / 8P
SERVICE MANUAL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com