Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14N60-ML Datasheet (PDF) - Unisonic Technologies

14N60-ML Datasheet PDF - Unisonic Technologies
Part # 14N60-ML
Download  14N60-ML Download
File Size   281.55 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 14A, 600V N-CHANNEL POWER MOSFET

14N60-ML Datasheet (PDF)

Go To PDF Page Download Datasheet
14N60-ML Datasheet PDF - Unisonic Technologies

Part # 14N60-ML
Download  14N60-ML Click to download

File Size   281.55 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 14A, 600V N-CHANNEL POWER MOSFET

14N60-ML Datasheet (HTML) - Unisonic Technologies


14N60-ML Product details

FEATURES
* RDS(ON) ≤ 0.55 Ω @ VGS=10V, ID=7.0A
* Fast switching capability
* Avalanche energy tested
* Improved dv/dt capability, high ruggedness




Similar Part No. - 14N60-ML

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
14N60-TC UTC-14N60-TC Datasheet
436Kb / 9P
14A, 600V N-CHANNEL POWER MOSFET
2020
More results


Similar Description - 14N60-ML

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HGTD7N60C3 HARRIS-HGTD7N60C3 Datasheet
153Kb / 6P
14A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD7N60B3S INTERSIL-HGTD7N60B3S Datasheet
92Kb / 7P
14A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Fairchild Semiconductor
HGTD7N60C3S FAIRCHILD-HGTD7N60C3S Datasheet
166Kb / 8P
14A, 600V, UFS Series N-Channel IGBTs
logo
Unisonic Technologies
14N50 UTC-14N50 Datasheet
198Kb / 6P
14A, 500V N-CHANNEL POWER MOSFET
UF450 UTC-UF450_11 Datasheet
237Kb / 6P
14A, 500V N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NGTB15N60R2FG ONSEMI-NGTB15N60R2FG Datasheet
737Kb / 7P
IGBT 600V, 14A, N-Channel
December 2014 - Rev. 1
logo
Will Semiconductor Ltd.
WNMD2183 WILLSEMI-WNMD2183 Datasheet
1Mb / 8P
Dual N-Channel, 12V, 14A, Power MOSFET
logo
Unisonic Technologies
14N60-TC UTC-14N60-TC Datasheet
436Kb / 9P
14A, 600V N-CHANNEL POWER MOSFET
2020
14N65-TC UTC-14N65-TC Datasheet
396Kb / 9P
14A, 650V N-CHANNEL POWER MOSFET
2019
logo
Rohm
R6014YND3 ROHM-R6014YND3 Datasheet
2Mb / 14P
Nch 600V 14A Power MOSFET
20221212 - Rev.003
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com