Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2328 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
OPA2328 Datasheet PDF - Texas Instruments
Part # OPA2328
Download  OPA2328 Download
File Size   1515.35 Kbytes
Page   27 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown

OPA2328 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2328 Datasheet PDF - Texas Instruments

Part # OPA2328
Download  OPA2328 Click to download

File Size   1515.35 Kbytes
Page   27 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown

OPA2328 Datasheet (HTML) - Texas Instruments


OPA2328 Product details

1 Features
• Precision with zero-crossover distortion:
– Low offset voltage: 50 μV (maximum)
– High CMRR: 120 dB
– Rail-to-rail I/O
• Wide bandwidth: 40 MHz
• Low input bias current: 1 pA (maximum)
• Low noise: 6.1 nV/√Hz at 10 kHz
• Slew rate: 30 V/μs
• Fast 0.01% settling time: 180 ns
• Single-supply voltage range: 2.2 V to 5.5 V
• Unity-gain stable

2 Applications
• Optical module
• Position sensor
• Multiparameter patient monitor
• CT and PET scanner
• Chemistry and gas analyzer
• Bidirectional 400-V and 800-V to LV
• Merchant network and server PSU
• String inverter
• Solar power optimizer

3 Description
The single-channel OPA328 and dual-channel
OPA2328 (OPAx328) are a new generation family of
precision, low-voltage CMOS operational amplifiers
optimized for very low noise and wide bandwidth.
The OPAx328 have a linear input stage with zerocrossover
distortion that delivers excellent commonmode
rejection ratio (CMRR) of 120 dB (typical)
over the full input range. The input common-mode
voltage range extends 100 mV beyond the negative
and positive supply rails. The output voltage typically
swings within 10 mV of the rails.
The OPAx328 also use Texas Instrument's proprietary
e‑trim™ operational amplifier technology, enabling a
unique combination of ultra-low offset and low input
offset drift without the need for any input switching or
auto-zero techniques.
Low-noise (6.1 nV/√Hz) and high-speed operation
(40 MHz, 30 V/μs) make these devices a great choice
for driving sampling analog-to-digital converters
(ADCs).
The OPAx328 are also a great choice for highimpedance-
input, single-supply applications. Low
input bias current and low input capacitance allows
for high-frequency transimpedance gains at low
photocurrent operation (< 1 nA).




Similar Part No. - OPA2328

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2328 TI-OPA2328 Datasheet
1Mb / 23P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
FEBRUARY 2022
OPA2328 TI-OPA2328 Datasheet
1Mb / 31P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED NOVEMBER 2022
OPA2328 TI-OPA2328 Datasheet
1Mb / 32P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED MAY 2023
OPA2328 TI1-OPA2328 Datasheet
1Mb / 36P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
DECEMBER 2023
OPA2328 TI-OPA2328 Datasheet
2Mb / 42P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
DECEMBER 2023
More results


Similar Description - OPA2328

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA320 TI1-OPA320 Datasheet
1Mb / 31P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA2320 TI1-OPA2320 Datasheet
1Mb / 32P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
National Semiconductor ...
OPA320 NSC-OPA320 Datasheet
1Mb / 37P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
OPA2320-Q1 TI-OPA2320-Q1_15 Datasheet
1Mb / 31P
Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO,CMOS Operational Amplifier
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA320-Q1 TI1-OPA320-Q1 Datasheet
1Mb / 34P
Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA2328 TI-OPA2328 Datasheet
1Mb / 23P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
FEBRUARY 2022
OPA328 TI-OPA328 Datasheet
1Mb / 31P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED NOVEMBER 2022
OPA328 TI-OPA328_V01 Datasheet
1Mb / 32P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED MAY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com