Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2780 Datasheet (PDF) - Texas Instruments

TAS2780 Datasheet PDF - Texas Instruments
Part # TAS2780_V01
Download  TAS2780 Download
File Size   2634.53 Kbytes
Page   97 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense

TAS2780 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS2780 Datasheet PDF - Texas Instruments

Part # TAS2780_V01
Download  TAS2780 Click to download

File Size   2634.53 Kbytes
Page   97 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense

TAS2780 Datasheet (HTML) - Texas Instruments


TAS2780 Product details

1 Features
Key Features
• 23V Supply for Class D Output Stage
• Y-Bridge Multi-Level Supply Architecture
• Spread Spectrum Control
• Ultrasonic Output Support up to 40 kHz
Output Power:
• 25 W, 1% THD+N (4 Ω, 18 V)
• 30 W Maximum Output Power, 10 % THD+N
Efficiency (1% THDN) and Power Consumption
• 83% at 1W, 4 Ω, PVDD = 12 V, VBAT1S = 3.8 V
• 83% at 1W, 8 Ω, PVDD = 18 V, VBAT1S = 5 V
• 85% at 1W, 4 Ω, PVDD = 18 V, VBAT1S = 5 V
• 89% at 15W, 4 Ω, PVDD = 18 V, VBAT1S = 5 V
• 93% at 15W , 8 Ω, PVDD = 18 V, VBAT1S = 5 V
• <0.5 μA in Hardware Shutdown Mode
Power Supplies and Management:
• PVDD: 3 V to 23 V
• VBAT1S: 2.7 V to 5.5 V
• AVDD: 1.8 V
• IOVDD: 1.8 V/ 3.3 V
Interfaces and Control:
• SDOUT for Echo Cancellation
• I2S/TDM: 8 Channels of 32 bits up to 96 KSPS
• I2C: Selectable Addresses with Fast Mode+
• Inter-Chip Communication Bus
• 44.1 kHz to 96 kHz Sample Rates
Integrated Speaker Management, Protection and EMI:
• Real-time IV-Sense for Speaker Protection
• Short and Open Load Protection
• Thermal and Over Current Protection
• Brownout Protection with Power Limiter
• Over Power and Low Battery Protection
• PVDD and VBAT1S Supply Tracking Limiters
• Thermal Foldback
• Post Filter Feedback
• Output Slew Rate Control

2 Applications
• Laptop and Desktop Computers
• Smart Speakers
• Tablets and Handhelds
• Wireless Speakers

3 Description
The TAS2780 is a mono, digital input Class-D audio
amplifier optimized for efficiently driving high peak
power into small loudspeakers. The Class-D amplifier
is capable of delivering 25 W of continuous power into
a 4 Ω load with less than 1% THD+N at a supply
voltage of 18 V. The broad voltage input range and
the high output power makes this amplifier versatile
enough to work with battery or line powered systems.
The TAS2780 can be used as a conventional amp
or with host-based speaker protection algorithms.
The integrated speaker voltage and current sense
provides for real time feedback of loudspeaker
conditions to the protection algorithms through a
return I2S path.
Y-Bridge power architecture improves amplifier
efficiency by internally selecting the supplies for
optimal headroom. Brownout prevention scheme with
multiple thresholds allows reducing the gain in signal
path when the supply drops.
Up to eight TAS2780 devices can share a common
bus via I2S/TDM and I2C interfaces.
The TAS2780 is available in a 30 pin HR-QFN
package for a compact PCB footprint.




Similar Part No. - TAS2780_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2780 TI-TAS2780 Datasheet
3Mb / 96P
TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
SLOSE75 ??NOVEMBER 2021
More results


Similar Description - TAS2780_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
TAS2553 TI1-TAS2553 Datasheet
1Mb / 58P
Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS5720L TI1-TAS5720L_16 Datasheet
1Mb / 52P
Digital Input Mono Class-D Audio Amplifier
TAS2560 TI1-TAS2560 Datasheet
1Mb / 80P
5.6-W Class-D Mono Audio Amplifier with IV Sense
TAS2770 TI1-TAS2770 Datasheet
1Mb / 85P
15-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2770 TI1-TAS2770_18 Datasheet
2Mb / 92P
20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2764 TI-TAS2764 Datasheet
3Mb / 107P
TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
logo
ON Semiconductor
ONA10IV ONSEMI-ONA10IV Datasheet
637Kb / 29P
16 Watt Digital Input Class-D Audio Amplifier with Speaker Sense Digital Output
April, 2018 ??Rev. 0
logo
Texas Instruments
TAS2780 TI-TAS2780 Datasheet
3Mb / 96P
TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
SLOSE75 ??NOVEMBER 2021
TAS2770 TI-TAS2770_V01 Datasheet
3Mb / 100P
TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com