Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP1204 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TDP1204 Datasheet PDF - Texas Instruments
Part # TDP1204
Download  TDP1204 Download
File Size   2579.28 Kbytes
Page   79 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TDP1204 12-Gbps, DC/AC-Coupled to HDMI™ 2.1 Level Shifter Hybrid Redriver

TDP1204 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDP1204 Datasheet PDF - Texas Instruments

Part # TDP1204
Download  TDP1204 Click to download

File Size   2579.28 Kbytes
Page   79 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TDP1204 12-Gbps, DC/AC-Coupled to HDMI™ 2.1 Level Shifter Hybrid Redriver

TDP1204 Datasheet (HTML) - Texas Instruments


TDP1204 Product details

1 Features
• AC-coupled or DC-coupled input and output
supporting HDMI 2.1 data rates up to 12 Gbps
– Backwards compatible to HDMI 1.4b and HDMI
2.0b
– HDMI 2.1 fixed rate link (FRL) of 3, 6, 8, 10,
and 12 Gbps
– Supports HDMI 2.1 three and four lane FRL
• Optimized for HDMI source applications
• Programmable receiver equalizer up to 12 dB at 6
GHz
• I2C or pin strap programmable
• Integrated HPD level shifter supporting both 1.8-V
and 3.3-V LVCMOS levels
• Integrated DDC buffer supporting as low as 1.2-V
levels
• Full lane swap on main lanes
• Digital display control (DDC) snooping function for
link configuration
• Low power consumption:
– 12G FRL four lanes active limited: 575 mW
– 12 G FRL four lanes active linear: 220 mW
– Powerdown: 0.6 mW
• Available in commercial and industrial temperature
• Single 3.3-V power supply
• 40-pin, 0.4 mm pitch, 4 mm × 6 mm, WQFN
package

2 Applications
• Notebooks and desktops
• TV
• Home theater and entertainment
• Gaming systems
• Docking stations
• Pro audio, video, and signage

3 Description
The TDP1204 is an HDMI 2.1 redriver supporting
data rates up to 12 Gbps. It is backwards compatible
for HDMI 1.4b and HDMI 2.0b. The high-speed
differential inputs and outputs can either be ACcoupled
or DC-coupled, which qualifies the TDP1204
to be used as a DP++ to HDMI level shifter or HDMI
redriver. The TDP1204 can support both 3 and 4 lane
HDMI 2.1 FRL at 3, 6, 8, 10, and 12-Gbps.
The TDP1204 is a hybrid redriver supporting both
source and sink applications. A hybrid redriver can
operate either in a linear or limited redriver function.
When configured as a limited redriver, the TDP1204
differential output voltage levels are independent
of the graphics process unit (GPU) output levels
ensuring HDMI compliant levels at the receptacle.
The limited redriver mode is recommended for HDMI
source applications. When configured as a linear
redriver, the TDP1204 differential output levels are
a linear function of the GPU output levels enabling
TDP1204 to be transparent to link training and
operate as a channel shortener. Linear redriver mode
is recommended for HDMI sink applications.
The TDP1204 has an integrated HPD level shifter.
The HPD level shifter will shift the 5-V HPD signal
to either 1.8-V or 3.3-V. The level shifter output can
also be configured for push, pull, or open-drain. Also
integrated in the TDP1204 is a Digital Display Control
(DDC) buffer. The DDC buffer offers capacitance
isolation and level shifters 5-V DDC levels to 3.3-V,
1.8-V, or 1.2-V levels. The integration of the level
shifter eliminates discrete solutions and thereby saves
system cost.
The TDP1204 supports single power supply rails
of 3.3-V on VCC and is offered in a commercial
temperature (TDP1204) and industrial temperature
(TDP1204I).




Similar Part No. - TDP1204

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDP1000 ETC2-TDP1000 Datasheet
251Kb / 6P
1 GHz and 500 MHz High Voltage Differential Probes
logo
TEKTRONIX, INC.
TDP1000 TEKTRONIX-TDP1000 Datasheet
2Mb / 36P
Mixed Domain Oscilloscopes
TDP1000 TEKTRONIX-TDP1000 Datasheet
3Mb / 28P
Digital Phosphor Oscilloscopes
TDP1000 TEKTRONIX-TDP1000 Datasheet
2Mb / 46P
Mixed Domain Oscilloscopes
TDP1000 TEKTRONIX-TDP1000 Datasheet
2Mb / 40P
Mixed Domain Oscilloscopes
More results


Similar Description - TDP1204

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VDP411LS PERICOM-PI3VDP411LS Datasheet
439Kb / 11P
Digital Video Level Shifter from AC coupled digital video input to a DVI/HDMI transmitter
logo
Maxim Integrated Produc...
MAX9406 MAXIM-MAX9406 Datasheet
303Kb / 11P
DisplayPort to DVI/HDMI Level Shifter
Rev 0; 10/07
logo
STMicroelectronics
STHDLS101 STMICROELECTRONICS-STHDLS101 Datasheet
491Kb / 25P
AC coupled HDMI level shifter
01-Dec-2008
logo
Pericom Semiconductor C...
PI3VDP411LSZBE PERICOM-PI3VDP411LSZBE Datasheet
594Kb / 13P
Digital Video Level Shifter from AC coupled digital video input to a DVI/HDMI transmitter
logo
Texas Instruments
TDP158 TI1-TDP158 Datasheet
1Mb / 55P
6-Gbps, AC-Coupled to TMDS or HDMI Redriver
logo
STMicroelectronics
STHDLS101A STMICROELECTRONICS-STHDLS101A Datasheet
365Kb / 24P
Enhanced AC coupled HDMI level shifter with configurable HPD output
22-Jun-2009
STHDLS101T STMICROELECTRONICS-STHDLS101T Datasheet
397Kb / 26P
AC coupled HDMI level shifter with configurable HPD output
01-Dec-2008
logo
Texas Instruments
TDP0604 TI-TDP0604 Datasheet
1Mb / 58P
TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
DECEMBER 2021
TDP0604 TI-TDP0604_V01 Datasheet
2Mb / 65P
TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
DECEMBER 2021
TMDS1204 TI-TMDS1204 Datasheet
2Mb / 75P
TMDS1204 12-Gbps, DC or AC-Coupled to TMDS® and FRL HDMI™ Hybrid Redriver
AUGUST 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com